Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D10SB40 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # D10SB40
Description  Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 10A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

D10SB40 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  D10SB40 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd D10SB40 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D10SB80
800
800
560
22
150
10
1.1
D10SB80
40
塑封硅整流桥堆
反向电压
200---800V
正向电流
10 A
V
μA
pF
IR
Cj
最大正向电压
IF = 5.0A
最大反向电流
TA= 25℃
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55--- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Single-phase Silicon Bridge Rectifier
Reverse Voltage 200 to 800V
Forward Current 10A
Operating junction and storage temperature range
Tj, TSTG
大昌电子
DACHANG ELECTRONICS
Rθj-a
TC =100℃
典型结电容
VR = 4.0V, f = 1MHz
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
机械数据 Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
·浪涌承受能力:150A
S
urge overload rating: 150 Amperes peak
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
·安装扭距: 推荐值 0.5牛*米 Mounting torque:Recommend 0.5 N*m
D10SB60
600
600
420
D10SB40
400
400
280
D10SB20
200
200
140
D10SB60
D10SB40
D10SB20
10
500
TA = 125℃
+~
~
-
30.3
29.7
3.0*45
2.7
2.3
2.4
2.0
1.1
0.9
10.2
9.8
Unit:mm
0.7
0.6
2.9
2.5
3.4
3.8
4.8
4.4
7.7
7.3
7.7
7.3
0
D5
D10SB20......D10SB80
SIYU R


Similar Part No. - D10SB40

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
D10SB40 SSE-D10SB40 Datasheet
16Kb / 1P
   SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
Leshan Radio Company
D10SB40 LRC-D10SB40 Datasheet
60Kb / 2P
   10A(SIP) BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
D10SB40 SECOS-D10SB40 Datasheet
392Kb / 2P
   Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
D10SB40 LRC-D10SB40 Datasheet
243Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Rugao Dachang Electroni...
D10SB40 DACHANG-D10SB40 Datasheet
134Kb / 2P
   Single-phase Silicon Bridge Rectifier
More results

Similar Description - D10SB40

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
D20SB20 DACHANG-D20SB20 Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 20A
D25SB20 DACHANG-D25SB20 Datasheet
183Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 25A
D15SB20 DACHANG-D15SB20 Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 15A
D5SB05 DACHANG-D5SB05 Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 800V Forward Current 6A
D3SB05 DACHANG-D3SB05 Datasheet
136Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 800V Forward Current 4 A
KBJ8A DACHANG-KBJ8A Datasheet
210Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 8 A
KBJ10A DACHANG-KBJ10A Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 10 A
KBJ4A DACHANG-KBJ4A Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 4 A
D2SB20 DACHANG-D2SB20 Datasheet
128Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800 V Forward Current 1.5A
MB2M DACHANG-MB2M Datasheet
138Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.8A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com