Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFP193W Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BFP193W
Description  NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP193W Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BFP193W Datasheet HTML 1Page - Siemens Semiconductor Group BFP193W Datasheet HTML 2Page - Siemens Semiconductor Group BFP193W Datasheet HTML 3Page - Siemens Semiconductor Group BFP193W Datasheet HTML 4Page - Siemens Semiconductor Group BFP193W Datasheet HTML 5Page - Siemens Semiconductor Group BFP193W Datasheet HTML 6Page - Siemens Semiconductor Group BFP193W Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
3
Dec-12-1996
BFP 193W
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 50 mA, VCE = 8 V, f = 500 MHz
fT
6
8
-
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
0.63
0.9
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
-
0.33
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
1.8
-
Noise figure
IC = 10 mA, VCE = 8 V, ZS = ZSopt
f = 900 MHz
f = 1.8 GHz
F
-
-
2.1
1.3
-
-
dB
Power gain
2)
IC = 30 mA, VCE = 8 V, ZS = ZSopt
ZL = ZLopt
f = 900 MHz
f = 1.8 GHz
Gma
-
-
13
19.5
-
-
Transducer gain
IC = 30 mA, VCE = 8 V, ZS =ZL= 50 Ω
f = 900 MHz
f = 1.8 GHz
|
S21e|2
-
-
9
15
-
-
2)
Gma = |S21/S12| (k-(k2-1)1/2)


Similar Part No. - BFP193W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP193W INFINEON-BFP193W Datasheet
75Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
BFP193W INFINEON-BFP193W Datasheet
82Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
BFP193W INFINEON-BFP193W Datasheet
537Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFP193W INFINEON-BFP193W_07 Datasheet
82Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
BFP193W INFINEON-BFP193W_14 Datasheet
537Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
More results

Similar Description - BFP193W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP193 SIEMENS-BFP193 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFQ193 SIEMENS-BFQ193 Datasheet
28Kb / 4P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193W SIEMENS-BFR193W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR106 SIEMENS-BFR106 Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers For linear broadband amplifiers)
BFQ81 SIEMENS-BFQ81 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz and broadband analog and digital applications)
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
BFQ73S SIEMENS-BFQ73S Datasheet
677Kb / 13P
   NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
BFP420 SIEMENS-BFP420 Datasheet
50Kb / 8P
   NPN Silicon RF Transistor (For high gain low noise amplifiers For oscillators up to 10 GHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com