Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFP193 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BFP193
Description  NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP193 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BFP193 Datasheet HTML 1Page - Siemens Semiconductor Group BFP193 Datasheet HTML 2Page - Siemens Semiconductor Group BFP193 Datasheet HTML 3Page - Siemens Semiconductor Group BFP193 Datasheet HTML 4Page - Siemens Semiconductor Group BFP193 Datasheet HTML 5Page - Siemens Semiconductor Group BFP193 Datasheet HTML 6Page - Siemens Semiconductor Group BFP193 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
Dec-13-1996
BFP 193
Total power dissipation
Ptot = f (TA*, TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C 150
T
A,TS
0
50
100
150
200
250
300
350
400
450
500
mW
600
P
tot
T
S
T
A
Permissible Pulse Load
RthJS = f (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
I
C
0
10
1
10
2
10
3
10
K/W
R
thJS
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
Ptotmax/PtotDC = f (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
-
P
totmax/PtotDC
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Similar Part No. - BFP193

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP193 INFINEON-BFP193 Datasheet
78Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
BFP193 INFINEON-BFP193 Datasheet
78Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
BFP193 INFINEON-BFP193 Datasheet
549Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
logo
Vishay Siliconix
BFP193T VISHAY-BFP193T Datasheet
97Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 1, 20-Jan-99
BFP193T VISHAY-BFP193T Datasheet
260Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 05-Sep-08
More results

Similar Description - BFP193

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFQ193 SIEMENS-BFQ193 Datasheet
28Kb / 4P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP193W SIEMENS-BFP193W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193W SIEMENS-BFR193W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR106 SIEMENS-BFR106 Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers For linear broadband amplifiers)
BFQ81 SIEMENS-BFQ81 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz and broadband analog and digital applications)
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
BFQ73S SIEMENS-BFQ73S Datasheet
677Kb / 13P
   NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
BFP420 SIEMENS-BFP420 Datasheet
50Kb / 8P
   NPN Silicon RF Transistor (For high gain low noise amplifiers For oscillators up to 10 GHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com