Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAP50-03 Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # BAP50-03
Description  GENERAL PURPOSE PIN DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

BAP50-03 Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  BAP50-03 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BAP50-03 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 
Date:2011/05
www.htsemi.com
semiconductor
JinYu
BAP50-03


Similar Part No. - BAP50-03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
logo
Guangdong Kexin Industr...
BAP50-03 KEXIN-BAP50-03 Datasheet
57Kb / 2P
   General Purpose PIN Diode
logo
NXP Semiconductors
BAP50-03 NXP-BAP50-03 Datasheet
58Kb / 7P
   General purpose PIN diode
Rev. 04-11 September 2009
logo
SeCoS Halbleitertechnol...
BAP50-03 SECOS-BAP50-03 Datasheet
318Kb / 2P
   Small Signal General Purpose PiN Diode
More results

Similar Description - BAP50-03

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAP51-02 JIANGSU-BAP51-02 Datasheet
593Kb / 4P
   GENERAL PURPOSE PIN DIODES
logo
Shenzhen Jin Yu Semicon...
BAP51-02 HTSEMI-BAP51-02 Datasheet
664Kb / 2P
   GENERAL PURPOSE PIN DIODES
logo
Jiangsu Changjiang Elec...
BAR64-02V JIANGSU-BAR64-02V Datasheet
618Kb / 4P
   GENERAL PURPOSE PIN DIODES
logo
SHIKUES Electronics
BAR64-02V SKTECHNOLGY-BAR64-02V Datasheet
612Kb / 3P
   GENERAL PURPOSE PIN DIODES
logo
Micro Commercial Compon...
BAP64-04 MCC-BAP64-04_16 Datasheet
303Kb / 2P
   General Purpose Pin Diodes 250mW
BAP64-06 MCC-BAP64-06_16 Datasheet
302Kb / 2P
   General Purpose Pin Diodes 250mW
BAP64-05 MCC-BAP64-05_16 Datasheet
305Kb / 2P
   General Purpose Pin Diodes 250mW
BAP51-02 MCC-BAP51-02 Datasheet
402Kb / 3P
   General Purpose Pin Diodes 715mW
BAP64-05W MCC-BAP64-05W Datasheet
487Kb / 3P
   General Purpose Pin Diodes 200mW
BAP51-02 MCC-BAP51-02_12 Datasheet
402Kb / 3P
   General Purpose Pin Diodes 715mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com