![]() |
Electronic Components Datasheet Search |
|
BFP182R Datasheet(PDF) 3 Page - Siemens Semiconductor Group |
|
BFP182R Datasheet(HTML) 3 Page - Siemens Semiconductor Group |
3 / 7 page ![]() Semiconductor Group 3 Jan-21-1997 BFP 182R Electrical Characteristics at TA = 25°C, unless otherwise specified. Parameter Symbol Values Unit min. typ. max. AC Characteristics Transition frequency IC = 15 mA, VCE = 8 V, f = 500 MHz fT 6 8 - GHz Collector-base capacitance VCB = 10 V, f = 1 MHz Ccb - 0.27 0.45 pF Collector-emitter capacitance VCE = 10 V, f = 1 MHz Cce - 0.27 - Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Ceb - 0.6 - Noise figure IC = 3 mA, VCE = 8 V, ZS = ZSopt f = 900 MHz f = 1.8 GHz F - - 1.9 1.2 - - dB Power gain 1) IC = 10 mA, VCE = 8 V, f = 900 MHz ZS = ZSopt, ZL = ZLopt Gms - 21 - Power gain 2) IC = 10 mA, VCE = 8 V, f = 1.8 GHz ZS = ZSopt, ZL = ZLopt Gma - 15 - Transducer gain IC = 10 mA, VCE = 8 V, ZS =ZL= 50 Ω f = 900 MHz f = 1.8 GHz | S21e|2 - - 11 17 - - 1) Gms = |S21/S12| 2) Gma = |S21/S12| (k-(k2-1)1/2) |