Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFP181 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part No. BFP181
Description  NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP181 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  BFP181 Datasheet HTML 1Page - Siemens Semiconductor Group BFP181 Datasheet HTML 2Page - Siemens Semiconductor Group BFP181 Datasheet HTML 3Page - Siemens Semiconductor Group BFP181 Datasheet HTML 4Page - Siemens Semiconductor Group BFP181 Datasheet HTML 5Page - Siemens Semiconductor Group BFP181 Datasheet HTML 6Page - Siemens Semiconductor Group BFP181 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Semiconductor Group
7
Dec-11-1996
BFP 181
Power Gain
Gma, Gms = f(VCE):_____
|
S21|2 = f(VCE):---------
f = Parameter
0
2
4
6
8
V
12
V
CE
6
8
10
12
14
16
18
dB
22
G
0.9GHz
1.8GHz
0.9GHz
1.8GHz
I
C
=5mA
Intermodulation Intercept Point
IP3=f(IC)
(3rd order, Output,
ZS=ZL=50Ω)
VCE = Parameter, f = 900MHz
0
2
4
6
8
10
12
14
mA
18
I
C
-4
-2
0
2
4
6
8
10
12
14
16
18
dBm
22
IP
3
8V
5V
3V
2V
1V
Power Gain
Gma, Gms = f(f)
VCE = Parameter
0.0
0.5
1.0
1.5
2.0
2.5
GHz
3.5
f
4
6
8
10
12
14
16
18
20
22
24
26
28
30
dB
34
G
10V
2V
1V
0.7V
I
C=5mA
Power Gain |
S21|2= f(f)
VCE = Parameter
0.0
0.5
1.0
1.5
2.0
2.5
GHz
3.5
f
2
4
6
8
10
12
14
16
18
20
dB
24
S
21
10V
2V
1V
0.7V
I
C=5mA


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BFP181R NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1  2  3  4  5  More Siemens Semiconductor Group
BFP181W NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1  2  3  4  5  More Siemens Semiconductor Group
BFR181 NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA 1  2  3  4  5  More Siemens Semiconductor Group
BFR181W NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA 1  2  3  4  5  More Siemens Semiconductor Group
BFP182 NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1  2  3  4  5  More Siemens Semiconductor Group
BFR182 NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1  2  3  4  5  More Siemens Semiconductor Group
BFP182R NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1  2  3  4  5  More Siemens Semiconductor Group
BFR182W NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1  2  3  4  5  More Siemens Semiconductor Group
BFP182W NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1  2  3  4  5  More Siemens Semiconductor Group
BFP183 NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 2 mA to 30 mA 1  2  3  4  5  More Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn