Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP3002 Datasheet(PDF) 1 Page - Littelfuse

Part No. SP3002
Description  SP3002 Series 0.85pF Rail Clamp Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3002 Datasheet(HTML) 1 Page - Littelfuse

  SP3002_11 Datasheet HTML 1Page - Littelfuse SP3002_11 Datasheet HTML 2Page - Littelfuse SP3002_11 Datasheet HTML 3Page - Littelfuse SP3002_11 Datasheet HTML 4Page - Littelfuse SP3002_11 Datasheet HTML 5Page - Littelfuse SP3002_11 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
89
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to
www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPAFamily of Products)
Revision: April 14, 2011
SP3002 Series
Low Capacitance ESD Protection - SP3002 Series
Description
Applications
The SP3002 has ultra low capacitance rail-to-rail diodes
with an additional zener diode fabricated in a proprietary
silicon avalanche technology to protect each I/O pin
providing a high level of protection for electronic equipment
that may experience destructive electrostatic discharges
(ESD). These robust diodes can safely absorb repetitive
ESD strikes at the maximum level (Level 4) specified in the
IEC 61000-4-2 international standard without performance
degradation. Their very low loading capacitance also makes
them ideal for protecting high speed signal pins such as
HDMI, DVI, USB2.0, and IEEE 1394.
Features
0.85 pF (TYP) per I/O
±12kV contact discharge,
±15kV air discharge,
(IEC61000-4-2)
IEC61000-4-4, 40A
(5/50ns)
0.5μA (MAX) at 5V
saves board space
IEC61000-4-5, 4.5A
(8/20μs)
Functional Block Diagram
I/O2
I/O1
GND
I/O3
V
CC
I/O4
Pinout
I/O 1
I/O 2
SC70-6 and SOT23-6
V
CC
I/O 3
I/O 4
GND
1
2
6
3
5
4
Gnd
I/O 1
NC
I/O 4
I/O 2
I/O 3
V CC
uDFN-6
(1.6x1.6x0.5mm)
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS
Pb GREEN
Application Example
Clk+
Gnd
Clk-
D2+
Gnd
D2-
D1+
Gnd
D1-
D0+
Gnd
D0-
HDMI
or DVI
Connector
HDMI
or DVI
Interface
IC
D0+
D0-
D1+
D1-
D2+
D2-
Clk+
Clk-
6
5
4
SP300x-04
1
2
3
+5V
Gnd
6
5
4
SP300x-04
1
2
3
A single 4 channel SP300x-04
device can be used to protect
four of the data lines in a
HDMI/DVI interface. Two (2)
SP300x-04 devices provide
protection for the main data
lines. Low voltage ASIC
HDMI/DVI drivers can also be
protected with the SP300x-04,
the +V
CC pins on the SP300x-04
can be substituted with a
suitable bypass capacitor or in
some backdrive applications the
+V
CC of the SP300x-04 can be
floated or NC.
SP3002 Series 0.85pF Rail Clamp Array


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn