Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP3002 Datasheet(PDF) 5 Page - Littelfuse

Part No. SP3002
Description  SP3002 Series 0.85pF Rail Clamp Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3002 Datasheet(HTML) 5 Page - Littelfuse

  SP3002_11 Datasheet HTML 1Page - Littelfuse SP3002_11 Datasheet HTML 2Page - Littelfuse SP3002_11 Datasheet HTML 3Page - Littelfuse SP3002_11 Datasheet HTML 4Page - Littelfuse SP3002_11 Datasheet HTML 5Page - Littelfuse SP3002_11 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
93
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to
www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPAFamily of Products)
Revision: April 14, 2011
SP3002 Series
Low Capacitance ESD Protection - SP3002 Series
Package Dimensions — uDFN (1.6x1.6x0.5mm)
uDFN (1.6x1.6x0.5mm)
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
0.45
0.55
0.018
0.022
A1
0.00
0.05
0.000
0.002
A3
0.127 Ref
0.005 Ref
b
0.20
0.30
0.008
0.012
D
1.50
1.70
0.060
0.067
D2
1.05
1.30
0.042
0.052
E
1.50
1.70
0.060
0.067
E2
0.40
0.65
0.016
0.026
e
0.50 Ref
0.020 Ref
L
0.25
0.40
0.010
0.016
D
E
B
1
2
3
6
5
4
Top View
Pin 1 Index Area
A
A
1
2
3
5
4
6
L
Pin 1 chamfer
0.10 x 45’
0.05 C
Bottom View
0.05 C
0.05 C
b
A1
A3
C
Seating plane
Side View
0.10
C A
M
B
0.05
C
M
D2
E2
Ordering Information
Part Number
Package
Marking
Min. Order
Qty.
SP3002-04HTG
SOT23-6
EX4
3000
SP3002-04JTG
SC70-6
EX4
3000
SP3002-04UTG
uDFN-6
(1.6x1.6x0.5mm)
EX4
3000
Part Numbering System
Part Marking System
SP3002-04XTG
Series
Package
H = SOT23-6
J = SC70-6
U = uDFN-6
T= Tape & Reel
G= Green
Number of Channels
-04 = 4 channel
Silicon Protection
Array (SPA
TM)
Family of
TVS Diode Arrays
EX4
E X 4
Product Series
E = SP3002 series
Assembly Site
(varies)
Number of Channels


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn