Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1001-04XTG Datasheet(PDF) 6 Page - Littelfuse

Part # SP1001-04XTG
Description  SP1001 Series - 8pF 15kV Unidirectional TVS Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1001-04XTG Datasheet(HTML) 6 Page - Littelfuse

  SP1001-04XTG Datasheet HTML 1Page - Littelfuse SP1001-04XTG Datasheet HTML 2Page - Littelfuse SP1001-04XTG Datasheet HTML 3Page - Littelfuse SP1001-04XTG Datasheet HTML 4Page - Littelfuse SP1001-04XTG Datasheet HTML 5Page - Littelfuse SP1001-04XTG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to
www.littelfuse.com/SPA for current information.
26
TVS Diode Arrays (SPAFamily of Products)
Revision: April 14, 2011
SP1001 Series
General Purpose ESD Protection - SP1001 Series
Embossed Carrier Tape & Reel Specification — SC70-5 and SC70-6
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.077
0.081
D
1.40
1.60
0.055
0.063
D1
1.00
1.25
0.039
0.049
P0
3.90
4.10
0.154
0.161
10P0
40.0 +/- 0.20
1.574 +/- 0.008
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
2.14
2.34
0.084
0.092
B0
2.24
2.44
0.088
0.096
K0
1.12
1.32
0.044
0.052
t
0.27 max
0.010 max
Dimensions
Embossed Carrier Tape & Reel Specification — SOT553 and SOT563
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.077
0.081
D
1.40
1.60
0.055
0.063
D1
0.45
0.55
0.017
0.021
P0
3.90
4.1
0.154
0.161
10P0
40.0 +/- 0.20
1.574 +/- 0.008
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
1.73
1.83
0.068
0.072
B0
1.73
1.83
0.068
0.072
K0
0.64
0.74
0.025
0.029
t
0.22 max
.009 max
Dimensions


Similar Part No. - SP1001-04XTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1001-04XTG LITTELFUSE-SP1001-04XTG Datasheet
193Kb / 7P
   Silicon Protection Arrays
SP1001-04XTG LITTELFUSE-SP1001-04XTG Datasheet
104Kb / 1P
   Silicon Protection Arrays
logo
TECH PUBLIC Electronics...
SP1001-04XTG TECHPUBLIC-SP1001-04XTG Datasheet
1Mb / 4P
   Low-Capacitance Array with 15-kV ESD Protection
More results

Similar Description - SP1001-04XTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1001 LITTELFUSE-SP1001 Datasheet
964Kb / 7P
   8pF 15kV Unidirectional TVS Array
SP1011 LITTELFUSE-SP1011 Datasheet
266Kb / 5P
   SP1011 Series 7pF 15kV Unidirectional TVS Array
SP1011-04UTG LITTELFUSE-SP1011-04UTG Datasheet
664Kb / 4P
   SP1011 Series 7pF 15kV Unidirectional TVS Array
logo
ON Semiconductor
SMDA05-6R2 ONSEMI-SMDA05-6R2 Datasheet
147Kb / 4P
   Unidirectional TVS Array
July, 2006 ??Rev. 3
logo
Protek Devices
PLR0503 PROTEC-PLR0503_15 Datasheet
387Kb / 6P
   9PF UNIDIRECTIONAL TVS ARRAY
logo
Yea Shin Technology Co....
YSDAXX02M3 YEASHIN-YSDAXX02M3 Datasheet
748Kb / 3P
   UNIDIRECTIONAL TVS DIODE ARRAY
logo
E-CMOS Corporation
ECCP05VU3-D7 E-CMOS-ECCP05VU3-D7 Datasheet
228Kb / 3P
   UNIDIRECTIONAL TVS DIODE ARRAY
logo
Littelfuse
SP1012 LITTELFUSE-SP1012 Datasheet
905Kb / 4P
   SP1012 Series 6.5pF, 15kV Bidirectional TVS Array
logo
TECH PUBLIC Electronics...
TPE05H5S6 TECHPUBLIC-TPE05H5S6 Datasheet
1Mb / 4P
   Unidirectional 5-Line TVS Array
logo
Diodes Incorporated
D58V0M4U8MR DIODES-D58V0M4U8MR Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com