Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP0506BAATG Datasheet(PDF) 4 Page - Littelfuse

Part # SP0506BAATG
Description  SP050xBA Lead-Free/Green Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0506BAATG Datasheet(HTML) 4 Page - Littelfuse

  SP0506BAATG Datasheet HTML 1Page - Littelfuse SP0506BAATG Datasheet HTML 2Page - Littelfuse SP0506BAATG Datasheet HTML 3Page - Littelfuse SP0506BAATG Datasheet HTML 4Page - Littelfuse SP0506BAATG Datasheet HTML 5Page - Littelfuse SP0506BAATG Datasheet HTML 6Page - Littelfuse SP0506BAATG Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
75
©2009 Littelfuse, Inc.
SPA™ Silicon Protection Array Products
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Surface Mount TVS Avalanche Diode Array
SP050xBA Lead-Free/Green Series
Package Dimensions - SC70
e
HE
3
1
2
E
B
A1
A
D
C
L
A2
e
502
SP0502BAJTG - SC70-3
Package
SC70-3
Pins
3
JEDEC
MO-203 Issue A
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.10
0.031
0.043
A1
0.00
0.10
0.00
0.004
A2
0.70
1.00
0.028
0.039
B
0.15
0.30
0.006
0.012
c
0.08
0.25
0.003
0.010
D
1.85
2.25
0.073
0.089
E
1.15
1.35
0.045
0.053
e
0.66 BSC
0.026 BSC
HE
2.00
2.40
0.079
0.094
L
0.26
0.46
0.010
0.018
e
5
4
1
2
3
L
E HE
c
B
A1
A
D
A2
504
e
SP0504BAJTG - SC70-5
Package
SC70-5
Pins
5
JEDEC
MO-203 Issue A
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.10
0.031
0.043
A1
0.00
0.10
0.00
0.004
A2
0.70
1.00
0.028
0.039
B
0.15
0.30
0.006
0.012
c
0.08
0.25
0.003
0.010
D
1.85
2.25
0.073
0.089
E
1.15
1.35
0.045
0.053
e
0.65 BSC
0.026 BSC
HE
2.00
2.40
0.079
0.094
L
0.26
0.46
0.010
0.018
B
1
2
3
4
5
6
e
E
HE
c
L
A1
A
D
A2
e
505
SP0505BAJTG - SC70-6
Package
SC70-6
Pins
6
JEDEC
MO-203 Issue A
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.10
0.031
0.043
A1
0.00
0.10
0.00
0.004
A2
0.70
1.00
0.028
0.039
B
0.15
0.30
0.006
0.012
c
0.08
0.25
0.003
0.010
D
1.85
2.25
0.073
0.089
E
1.15
1.35
0.045
0.053
e
0.65 BSC
0.026 BSC
HE
2.00
2.40
0.079
0.094
L
0.26
0.46
0.010
0.018
M
-
1.60
-
0.063
N
-
1.30
-
0.051
O
-
0.65
-
0.026
P
-
0.70
-
0.028
R
-
0.35
-
0.014
S
-
0.90
-
0.035
T
-
2.50
-
0.098
P
T
+
++
+
++
+
S (REF)
N (REF)
M (REF)
O (REF)
R
Recommended Pad Layout


Similar Part No. - SP0506BAATG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0506BAATG LITTELFUSE-SP0506BAATG Datasheet
373Kb / 9P
   30pF 30kV Unidirectional TVS Array
SP0506BAATG LITTELFUSE-SP0506BAATG Datasheet
1Mb / 9P
   30pF 30kV Unidirectional TVS Array
SP0506BAATG LITTELFUSE-SP0506BAATG Datasheet
964Kb / 7P
   8pF 15kV Unidirectional TVS Array
More results

Similar Description - SP0506BAATG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP725 LITTELFUSE-SP725 Datasheet
191Kb / 6P
   Lead-Free/Green Series
SP6002-04UTG-1 LITTELFUSE-SP6002-04UTG-1 Datasheet
440Kb / 7P
   SP6002 Lead-Free/Green Series
SP6001-04UTG-1 LITTELFUSE-SP6001-04UTG-1 Datasheet
477Kb / 8P
   SP6001 Lead-Free/Green Series
PGB1010402 LITTELFUSE-PGB1010402_12 Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
PGB1010603MR LITTELFUSE-PGB1010603MR Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7382 AVAGO-ACPM-7382 Datasheet
660Kb / 16P
   Lead-free, RoHS compliant, Green
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
   Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
   Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
logo
International Rectifier
IRF9Z24NPBF IRF-IRF9Z24NPBF_15 Datasheet
511Kb / 9P
   Lead-Free
logo
Amphenol Corporation
G09-113130XLF AMPHENOL-G09-113130XLF Datasheet
581Kb / 1P
   lead free
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com