Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFN20 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BFN20
Description  NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BFN20 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
BFN 20
Collector current IC = f (VBE)
VCE =20V
DC current gain hFE = f (IC)
VCE =20V
Collector cutoff current ICB0 = f (TA)
VCB = 250 V


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFN22NPN Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN21PNP Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN23PNP Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BF720NPN Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN24NPN Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN36NPN Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN16NPN Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BF721PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN25PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN37PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn