Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP03-6 Datasheet(PDF) 4 Page - Littelfuse

Part # SP03-6
Description  SP03-6 Series 6V 150A Rail Clamp Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP03-6 Datasheet(HTML) 4 Page - Littelfuse

  SP03-6_11 Datasheet HTML 1Page - Littelfuse SP03-6_11 Datasheet HTML 2Page - Littelfuse SP03-6_11 Datasheet HTML 3Page - Littelfuse SP03-6_11 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to
www.littelfuse.com/SPA for current information.
120
TVS Diode Arrays (SPAFamily of Products)
Revision: April 14, 2011
SP03-6 Series
Lightning Surge Protection - SP03-6 Series
Part Numbering System
Product Characteristics
Ordering Information
Part Number
Package
Marking
Min. Order Qty.
SP03-6BTG
SOIC Tape & Reel
SP03-6
2500
Lead Plating
Matte Tin
Lead Material
Copper Alloy
Lead Coplanarity
0.004 inches (0.102mm)
Subsitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL94-V-0
SP 03
6 B T G
Series
Working
Voltage
Package
B - SOIC
T= Tape & Reel
G= Green
-
Silicon Protection
Array (SPA
TM)
Family of
TVS Diode Arrays
Part Marking System
Package Dimensions — Mechanical Drawings and Recommended Solder Pad Outline
Package
MS-012 (SO-8)
Pins
8
JEDEC
MO-223 Issue A
Millimetres
Inches
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
1.65
0.049
0.065
B
0.31
0.51
0.012
0.020
c
0.17
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
5.80
6.20
0.228
0.244
E1
3.80
4.00
0.150
0.157
e
1.27 BSC
0.050 BSC
L
0.40
1.27
0.016
0.050
o
Recommended
Soldering Pad Outline
(Reference Only)
F
L
First Line: Part number
Second Line: Date code
F
L SP03-6
XXXXXXXX
Notes :
1. All dimensions are in millimeters
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to JEDEC SPEC MO-223 Issue A
5. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.
6. Package surface matte finish VDI 11-13.
Embossed Carrier Tape & Reel Specification — SOIC Package
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
5.4
5.6
0.213
0.22
P2
1.95
2.05
0.077
0.081
D
1.5
1.6
0.059
0.063
D1
1.50 Min
0.059 Min
P0
3.9
4.1
0.154
0.161
10P0
40.0 +/- 0.20
1.574 +/- 0.008
W
11.9
12.1
0.468
0.476
P
7.9
8.1
0.311
0.319
A0
6.3
6.5
0.248
0.256
B0
5.1
5.3
0.2
0.209
K0
2
2.2
0.079
0.087
t
0.30 +/- 0.05
0.012 +/- 0.002


Similar Part No. - SP03-6_11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP03-6BTG LITTELFUSE-SP03-6BTG Datasheet
213Kb / 6P
   Silicon Protection Arrays
SP03-6BTG LITTELFUSE-SP03-6BTG Datasheet
184Kb / 6P
   Low Capacitance TVS protection for high-speed data interfaces
More results

Similar Description - SP03-6_11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP03-3-3 LITTELFUSE-SP03-3-3 Datasheet
732Kb / 4P
   SP03-3.3 Series 3.3V 150A Diode Array
SP03A-3.3 LITTELFUSE-SP03A-3.3 Datasheet
1Mb / 4P
   SP03A-3.3 Series 3.3V 150A Rail Clamp Array
SP3003 LITTELFUSE-SP3003_11 Datasheet
320Kb / 6P
   SP3003 Series 0.65pF Rail Clamp Array
SP3012 LITTELFUSE-SP3012 Datasheet
805Kb / 4P
   SP3012 Series 0.5pF Rail Clamp Array
SP3002 LITTELFUSE-SP3002_11 Datasheet
303Kb / 6P
   SP3002 Series 0.85pF Rail Clamp Array
SP3010 LITTELFUSE-SP3010_11 Datasheet
285Kb / 4P
   SP3010 Series 0.45pF Rail Clamp Array
logo
List of Unclassifed Man...
PMMAD ETC-PMMAD Datasheet
119Kb / 3P
   STEERING DIODE (RAIL CLAMP) ARRAY
logo
Littelfuse
SP4061 LITTELFUSE-SP4061 Datasheet
1Mb / 4P
   SP4061 Series 2.5V 20A Rail Clamp Array
SP4062 LITTELFUSE-SP4062 Datasheet
1Mb / 5P
   SP4062 Series 3.3V 20A Rail Clamp Array
SP4062_0627 LITTELFUSE-SP4062_0627 Datasheet
1Mb / 4P
   SP4062 Series 3.3V 20A Rail Clamp Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com