Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA60A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SA60A
Description  500 Watts Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SA60A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SA60A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SA60A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SA60A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SA60A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SA60A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - SA60A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA60A MOTOROLA-SA60A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA60A LUGUANG-SA60A Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Pan Jit International I...
SA60A PANJIT-SA60A Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
logo
Littelfuse
SA60A LITTELFUSE-SA60A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
StarHope
SA60A SPSEMI-SA60A Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
More results

Similar Description - SA60A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SA TSC-SA_13 Datasheet
320Kb / 7P
   500 Watts Transient Voltage Suppressor
SA TSC-SA_1 Datasheet
645Kb / 5P
   500 Watts Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
SA5.0_SERIES PANJIT-SA5.0_SERIES_14 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
logo
SUNMATE electronic Co.,...
SAC5.0 SUNMATE-SAC5.0 Datasheet
157Kb / 2P
   500 Watts Axial Leaded Low Capacitance Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_13 Datasheet
255Kb / 6P
   600 Watts Transient Voltage Suppressor
logo
Solid States Devices, I...
ST500A7.5 SSDI-ST500A7.5_1 Datasheet
147Kb / 2P
   500 W Transient Voltage Suppressor
logo
Micro Commercial Compon...
SM03 MCC-SM03 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
TGL41-6.8 MICROSEMI-TGL41-6.8 Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com