Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM3424CX6RFG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3424CX6RFG
Description  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3424CX6RFG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM3424CX6RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3424CX6RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3424CX6RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3424CX6RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3424CX6RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3424CX6RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM3424
30V N-Channel MOSFET
2/6
Version: C11
Electrical Specifications (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
a
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
30
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
1
1.4
3
V
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
µA
Zero Gate Voltage Drain Current
VDS = 24V, VGS = 0V
IDSS
--
--
1.0
µA
On-State Drain Current
VDS 5V, VGS = 10V
ID(ON)
30
--
--
A
Drain-Source On-State Resistance
VGS = 10V, ID = 6.7A
RDS(ON)
--
23
30
m
VGS = 4.5V, ID = 5.7A
--
32
42
Forward Transconductance
VDS = 5V, ID = 5.0A
gfs
--
14
--
S
Diode Forward Voltage
IS = 1.7A, VGS = 0V
VSD
--
0.76
1
V
Dynamic
b
Total Gate Charge
VDS = 15V, ID = 6.7A,
VGS = 10V
Qg
--
4.52
--
nC
Gate-Source Charge
Qgs
--
1.24
--
Gate-Drain Charge
Qgd
--
1.68
--
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1.0MHz
Ciss
--
400.96
--
pF
Output Capacitance
Coss
--
100.47
--
Reverse Transfer Capacitance
Crss
--
71.82
--
Switching
c
Turn-On Delay Time
VDD = 15V, RL = 2.2 ,
ID = 1A, VGEN = 10V,
RG = 6
td(on)
--
7.42
--
nS
Turn-On Rise Time
tr
--
3.41
--
Turn-Off Delay Time
td(off)
--
20.4
--
Turn-Off Fall Time
tf
--
3.01
--
Notes:
a. pulse test: PW 300µS, duty cycle 2%
b. For DESIGN AID ONLY, not subject to production testing.
c. Switching time is essentially independent of operating temperature.


Similar Part No. - TSM3424CX6RFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3424CX6RF TSC-TSM3424CX6RF Datasheet
348Kb / 6P
   30V N-Channel MOSFET
TSM3424CX6RF TSC-TSM3424CX6RF Datasheet
127Kb / 6P
   30V N-Channel MOSFET
More results

Similar Description - TSM3424CX6RFG

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com