Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM3424CX6RF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3424CX6RF
Description  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3424CX6RF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM3424CX6RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3424CX6RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3424CX6RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3424CX6RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3424CX6RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3424CX6RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM3424
30V N-Channel MOSFET
1/6
Version: C11
SOT-26
Features
Advance Trench Process Technology
High Density Cell Design for Ultra Low On-resistance
Application
Load Switch
PA Switch
Ordering Information
Part No.
Package
Packing
TSM3424CX6 RF
SOT-26
3Kpcs / 7” Reel
TSM3424CX6 RFG
SOT-26
3Kpcs / 7” Reel
Note: “G” denote for Halogen Free Product
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
6.7
A
Pulsed Drain Current
IDM
30
A
Continuous Source Current (Diode Conduction)
a,b
IS
1.7
A
Maximum Power Dissipation
Ta = 25
oC
PD
2.0
W
Ta = 75
oC
1.3
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
JC
30
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
JA
80
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 10 sec.
PRODUCT SUMMARY
VDS (V)
RDS(on)(m )
ID (A)
30
30 @ VGS = 10V
6.7
42 @ VGS = 4.5V
5.7
Block Diagram
N-Channel MOSFET
Pin Definition:
1. Drain 6. Drain
2. Drain 5, Drain
3. Gate
4. Source


Similar Part No. - TSM3424CX6RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3424CX6RF TSC-TSM3424CX6RF Datasheet
348Kb / 6P
   30V N-Channel MOSFET
TSM3424CX6RF TSC-TSM3424CX6RF Datasheet
127Kb / 6P
   30V N-Channel MOSFET
More results

Similar Description - TSM3424CX6RF

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com