Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM301K12CQRLG Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM301K12CQRLG
Description  20V P-Channel MOSFET with Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM301K12CQRLG Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM301K12CQRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM301K12CQRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM301K12CQRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM301K12CQRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM301K12CQRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM301K12CQRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM301K12CQRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TSM301K12
20V P-Channel MOSFET with Schottky Diode
5/7
Version: B11
SCHOTTKY Electrical Characteristics Curve (Ta = 25
oC, unless otherwise noted)
Typical Forward Current Derating Curve
Typical Instantaneous Forward Characteristics
Typical Reverse Characteristics
Typical Junction Capacitance
Maximum Repetitive Forward Surge Current


Similar Part No. - TSM301K12CQRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM301K12CQRFG TSC-TSM301K12CQRFG Datasheet
455Kb / 7P
   20V P-Channel MOSFET with Schottky Diode
More results

Similar Description - TSM301K12CQRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM301K12CQ TSC-TSM301K12CQ_13 Datasheet
455Kb / 7P
   20V P-Channel MOSFET with Schottky Diode
logo
Alpha & Omega Semicondu...
AON4703 AOSMD-AON4703_10 Datasheet
240Kb / 6P
   20V P-Channel MOSFET with Schottky Diode
logo
Fairchild Semiconductor
FDC6392S FAIRCHILD-FDC6392S Datasheet
193Kb / 6P
   20V Integrated P-Channel PowerTrench MOSFET and Schottky Diode
logo
Pan Jit International I...
PJQ2888 PANJIT-PJQ2888 Datasheet
498Kb / 7P
   20V P-Channel Enhancement Mode MOSFET with TVS Diode
logo
GTM CORPORATION
GTS6923 GTM-GTS6923 Datasheet
333Kb / 4P
   P-CHANNEL WITH SCHOTTKY DIODE POWER MOSFET
logo
SHANGHAI BELLING CO., L...
BL8593 BELLING-BL8593 Datasheet
495Kb / 6P
   P-Channel MOSFET with 0.12V Schottky Diode
logo
SYNC POWER Crop.
SPC4703 SYNC-POWER-SPC4703 Datasheet
230Kb / 9P
   P-Channel Trench MOSFET with Schottky Diode
logo
Advanced Power Electron...
AP6923O A-POWER-AP6923O Datasheet
73Kb / 4P
   P-CHANNEL WITH SCHOTTKY DIODE POWER MOSFET
logo
ELM Technology Corporat...
ELM14701AA-N ELM-TECH-ELM14701AA-N Datasheet
119Kb / 5P
   Single P-channel MOSFET with schottky diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com