Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT12G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFT12G
Description  1.0AMP. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFT12G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFT12G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFT12G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss
SFT1XG
= Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SFT
11G
SFT
12G
SFT
13G
SFT
14G
SFT
15G
SFT
16G
SFT
17G
SFT
18G
Units
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
uA
uA
Trr
nS
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
VF
0.95
1.3
1.7
V
30
For use in low voltage, high frequency inventor,
Free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
Maximum Average Forward Rectified Current
Polarity: Color band denotes cathode
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
1A
IF(AV)
Features
Maximum Recurrent Peak Reverse Voltage
Mounting position: Any
Mechanical Data
Lead: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
High temperature soldering guaranteed:
260℃/10 seconds/.375",(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.20 grams
Type Number
Maximum RMS Voltage
Maximum DC Blocking Voltage
Version:E12
- 65 to + 150
Typical Junction Capacitance (Note 3)
SFT11G - SFT18G
1.0AMP. Glass Passivated Super Fast Rectifiers
Marking Diagram
TS-1
Dimensions in inches and (millimeters)
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Operating Temperature Range
Storage Temperature Range
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
- 65 to + 150
100
100
Maximum Reverse Recovery Time (Note 2)
35
Maximum DC Reverse Current at Rated
@ TA=25 ℃
DC Blocking Voltage
@ T A=125 ℃
IR
5
20
10
Typical Thermal Resistance
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SFT12G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFT12G TSC-SFT12G Datasheet
62Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SFT12G TSC-SFT12G Datasheet
286Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SFT12G TSC-SFT12G Datasheet
377Kb / 4P
   Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFT12G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G_13 Datasheet
429Kb / 4P
   1.0AMP. Glass Passivated Super Fast Rectifiers
SF11G TSC-SF11G_13 Datasheet
433Kb / 4P
   1.0AMP. Glass Passivated Super Fast Rectifiers
logo
First Components Intern...
SFS11G FCI-SFS11G Datasheet
1Mb / 2P
   1.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
Chongqing Pingwei Enter...
1F1G CHONGQING-1F1G_16 Datasheet
178Kb / 1P
   1.0AMP. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Jinan Gude Electronic D...
FR101G JGD-FR101G Datasheet
143Kb / 2P
   1.0Amp Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FR101G TSC-FR101G_13 Datasheet
424Kb / 4P
   1.0AMP Glass Passivated Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
FR101G CHONGQING-FR101G_16 Datasheet
177Kb / 1P
   1.0AMP . GLASS PASSIVATED FAST RECOVERY RECTIFIERS
1A1G CHONGQING-1A1G_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
1N4001SG CHONGQING-1N4001SG_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com