Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # RS2A
Description  2.0 AMP. Surface Mount Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RS2A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RS2A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RS2A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
For surface mounted application
Glass passivated junction chip
Fast switching for high efficiency
RS2X
= Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
RS
2A
RS
2B
RS
2D
RS
2G
RS
2J
RS
2K
RS
2M
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
Trr
250
nS
Cj
pF
TJ
OC
TSTG
OC
IF(AV)
Maximum Reverse Recovery Time (Note 2)
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125 ℃
V
A
2
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
50
A
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Repetitive Peak Reverse Voltage
Maximum Average Forward Rectified Current
@ TL=100℃
Features
Type Number
Polarity: Indicated by cathode band
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Mechanical Data
Terminals: Pure tin plated, Lead free
Packing: 12mm tape per EIA STD RS-481
50
RS2A - RS2M
2.0 AMP. Surface Mount Fast Recovery Rectifiers
Marking Diagram
SMB/DO-214AA
Dimensions in inches and (millimeters)
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
uA
Typical Thermal Resistance
50
Weight: 0.093 grams
500
Version:D11
- 55 to + 150
Typical Junction Capacitance (Note 3)
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
RθjA
RθjL
55
18
OC/W
IR
150
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Built-in strain relief, ideal for automated
placement
5
Maximum Instantaneous Forward Voltage (Note 1)
@ 2 A
VF
1.3
Case: Molded plastic
High temperature soldering:
260℃ / 10 seconds at terminals
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - RS2A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
RS2A YFWDIODE-RS2A Datasheet
97Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
RS2A SSE-RS2A Datasheet
19Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
UN Semiconducctor INC
RS2A UNSEMI-RS2A Datasheet
2Mb / 4P
   Surface Mount Fast Recovery Rectifiers
Revision March 1,2022
logo
MIC GROUP RECTIFIERS
RS2A MIC-RS2A Datasheet
53Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Guangdong Juxing Electr...
RS2A JUXING-RS2A Datasheet
993Kb / 2P
   Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RS2A

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SMF201B GWSEMI-SMF201B Datasheet
69Kb / 2P
   2.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SMF201A GWSEMI-SMF201A Datasheet
69Kb / 2P
   2.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Bytes
FR201 BYTES-FR201 Datasheet
152Kb / 2P
   2.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR201 FORMOSA-FR201 Datasheet
33Kb / 2P
   2.0 AMP FAST RECOVERY RECTIFIERS
logo
Yangzhou yangjie electr...
BY296 YANGJIE-BY296 Datasheet
704Kb / 2P
   2.0 AMP. FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR201 DGNJDZ-FR201 Datasheet
194Kb / 2P
   2.0 AMP FAST RECOVERY RECTIFIERS
RS2AF DGNJDZ-RS2AF Datasheet
188Kb / 2P
   2.0 AMP FAST RECOVERY RECTIFIERS
RS2A DGNJDZ-RS2A Datasheet
90Kb / 2P
   2.0 AMP FAST RECOVERY RECTIFIERS
RS2ASMA DGNJDZ-RS2ASMA Datasheet
100Kb / 2P
   2.0 AMP FAST RECOVERY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
FR201 YIXIN-FR201 Datasheet
252Kb / 2P
   2.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com