Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE6.8 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # P6KE6.8
Description  600 Watts Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6KE6.8 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  P6KE6.8 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6KE6.8 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6KE6.8 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6KE6.8 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Surge Clamping Voltage Temperature
@ VWM
Current
@ IPPM
Coefficient
IT
VWM
ID
IPPM
Vc
of VBR
(V)
(mA)
(V)
(uA)
(A)
(V)
(%/℃)
Min
Max
(Note 2)
P6KE100
100
90
110
1
81.0
1
4.3
144
0.106
P6KE100A
100
95
105
1
85.5
1
4.5
137
0.106
P6KE110
110
99
121
1
89.2
1
3.9
158
0.107
P6KE110A
110
105
116
1
94.0
1
4.1
152
0.107
P6KE120
120
108
132
1
97.2
1
3.6
173
0.107
P6KE120A
120
114
126
1
102
1
3.8
165
0.107
P6KE130
130
117
143
1
105
1
3.3
187
0.107
P6KE130A
130
124
137
1
111
1
3.5
179
0.107
P6KE150
150
135
165
1
121
1
2.9
215
0.108
P6KE150A
150
143
158
1
128
1
3.0
207
0.108
P6KE160
160
144
176
1
130
1
2.7
230
0.108
P6KE160A
160
152
168
1
136
1
2.8
219
0.108
P6KE170
170
153
187
1
138
1
2.5
244
0.108
P6KE170A
170
162
179
1
145
1
2.6
234
0.108
P6KE180
180
162
198
1
146
1
2.4
258
0.108
P6KE180A
180
171
189
1
154
1
2.5
246
0.108
P6KE200
200
180
220
1
162
1
2.1
287
0.108
P6KE200A
200
190
210
1
171
1
2.2
274
0.108
P6KE220
220
198
242
1
175
1
1.8
344
0.108
P6KE220A
220
209
231
1
185
1
1.9
328
0.108
P6KE250
250
225
275
1
202
1
1.7
360
0.110
P6KE250A
250
237
263
1
214
1
1.8
344
0.110
P6KE300
300
270
330
1
243
1
1.4
430
0.110
P6KE300A
300
285
315
1
256
1
1.5
414
0.110
P6KE350
350
315
385
1
284
1
1.2
504
0.110
P6KE350A
350
332
368
1
300
1
1.3
482
0.110
P6KE400
400
360
440
1
324
1
1.0
574
0.110
P6KE400A
400
380
420
1
342
1
1.1
548
0.110
P6KE440
440
396
484
1
356
1
1.0
631
0.110
P6KE440A
440
418
462
1
376
1
1.04
602
0.110
Notes:
1. VBR measure after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. For bipolar types having VWM of 10 volts and under, the I D limit is doubled.
4. All terms and symbols are consistent with ANSI/IEEE C62.35.
Version:G11
General
Part
Number
Nominal
Voltage
Breakdown Voltage
(Note 1)
VBR
(V)
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)


Similar Part No. - P6KE6.8

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6KE6.8 TSC-P6KE6.8 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Pan Jit International I...
P6KE6.8 PANJIT-P6KE6.8 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zibo Seno Electronic En...
P6KE6.8 ZSELEC-P6KE6.8 Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Digitron Semiconductors
P6KE6.8 DIGITRON-P6KE6.8 Datasheet
411Kb / 5P
   600 WATT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotec Semiconductor
P6KE6.8 DIOTEC-P6KE6.8 Datasheet
154Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE6.8

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_13 Datasheet
255Kb / 6P
   600 Watts Transient Voltage Suppressor
BZW06 TSC-BZW06_13 Datasheet
277Kb / 6P
   600 Watts Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
P6KE480A LUGUANG-P6KE480A Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_06 Datasheet
329Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06 NJSEMI-BZW06 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE LUGUANG-P6KE Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8A YFWDIODE-P6KE6.8A Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Shenzhen Luguang Electr...
P6KE480 LUGUANG-P6KE480 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com