Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC-EVAL-11 Datasheet(PDF) 5 Page - Cymbet Corporation

Part # CBC-EVAL-11
Description  EnerChip??CC Inductive Charging Evaluation Kit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC-EVAL-11 Datasheet(HTML) 5 Page - Cymbet Corporation

  CBC-EVAL-11 Datasheet HTML 1Page - Cymbet Corporation CBC-EVAL-11 Datasheet HTML 2Page - Cymbet Corporation CBC-EVAL-11 Datasheet HTML 3Page - Cymbet Corporation CBC-EVAL-11 Datasheet HTML 4Page - Cymbet Corporation CBC-EVAL-11 Datasheet HTML 5Page - Cymbet Corporation CBC-EVAL-11 Datasheet HTML 6Page - Cymbet Corporation CBC-EVAL-11 Datasheet HTML 7Page - Cymbet Corporation CBC-EVAL-11 Datasheet HTML 8Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EnerChip™ CC Inductive Charging Evaluation Kit
©2010 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-14 Rev A
Page 5 of 8
Absolute Maximum Ratings
Parameter
Condition
Min
Typical
Max
Units
Output Voltage VOUT
VDD > V TH
-
VDD
-
V
Output Voltage VOUT (Backup Mode)
VDD < V TH
2.2
3.3
3.6
V
EnerChip Pulse Discharge Current
-
variable - see App. Note 1025
-
Self-Discharge (5 yr average, 25°C)
non-recoverable
-
2.5
-
% per year
recoverable
-
1.5(1)
-
% per year
Operating Temperature
-
-20
25
+70
°C
Storage Temperature
-
-40
-
+125 (2)
°C
Cell Resistance
25°C
-
1500
2500
Recharge Cycles
(to 80% of rated ca-
pacity; 4.1 V charge
voltage)
25°C
10% depth-of-discharge
5000
-
-
-
50% depth-of discharge
1000
-
-
-
40°C
10% depth-of-discharge
2500
-
-
-
50% depth-of-discharge
500
-
-
-
Recharge Time (to 80% of rated capacity)
4.1 V constant volta
ge
-
30
-
minutes
Capacity
100 µA discharge; 25°C
50
-
-
µAh
(1) First month recoverable self discharge is 5% average.
(2) Storage temperature is for uncharged EnerChip CC device.
Typical Discharge Capacity Characteristics
Typical Discharge Rate Performance
Note:Allspecificationscontainedwithinthisdocumentaresubjecttochangewithoutnotice
Parameter
Condition
Min
Typical
Max
Units
VDD with respect to GND
25°C
GND - 0.3
-
6.0
V
ENABLE and VMODE Input Voltage
25°C
GND - 0.3
-
VDD+0.3
V
VBAT (1)
25°C
3.0
-
4.3
V
VCHG (1)
25°C
3.0
-
4.3
V
VOUT
25°C
GND-0.3
-
6.0
V
RESET Output Voltage
25°C
GND - 0.3
-
VOUT+0.3
V
CP, Flying Capacitor Voltage
25°C
GND - 0.3
-
6.0
V
CN
25°C
GND - 0.3
-
VDD+0.3
V
Operating Characteristics
(1) No external connections to these pins are allowed, except parallel EnerChips.


Similar Part No. - CBC-EVAL-11

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
229Kb / 3P
   EVAL Kit GUI Software and TI Firmware Readme
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 6P
   Using the EnerChip Energy Harvesters with the TI LaunchPad
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
574Kb / 4P
   Silicon Labs RF-to-USB2 Cymbet EH Demos
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip CC Inductive Charging Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
2Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results

Similar Description - CBC-EVAL-11

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
DS-72-14 CYMBET-DS-72-14 Datasheet
2Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11_12 Datasheet
1Mb / 8P
   EnerChip CC Inductive Charging Evaluation Kit
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-05 CYMBET-CBC-EVAL-05 Datasheet
795Kb / 4P
   EnerChip??CC CBC3112 & CBC3150 Evaluation Kit
DS-72-40 CYMBET-DS-72-40 Datasheet
2Mb / 17P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-06 CYMBET-CBC-EVAL-06 Datasheet
1Mb / 11P
   EnerChip??CC Real-Time Clock Evaluation Kit
DS-72-35 CYMBET-DS-72-35 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
DS-72-37 CYMBET-DS-72-37 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
DS-72-39 CYMBET-DS-72-39 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com