Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC3150-D9C-TR1 Datasheet(PDF) 2 Page - Cymbet Corporation

Part # CBC3150-D9C-TR1
Description  EnerChip CC with Integrated Power Management
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3150-D9C-TR1 Datasheet(HTML) 2 Page - Cymbet Corporation

  CBC3150-D9C-TR1 Datasheet HTML 1Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 2Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 3Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 4Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 5Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 6Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 7Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 8Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
EnerChip CC CBC3150
©2009-2010 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-03 Rev C
Page 2 of 15
Electrical Properties
EnerChip Backup Output voltage:
3.3V
Energy Capacity (typical):
50µAh
Recharge time to 80%:
20 minutes
Charge/Discharge cycles:
>5000 to 10% discharge
Physical Properties
Package size:
9 mm x 9 mm
Operating temperature:
-20°C to +70°C
Storage temperature:
-40°C to +125°C
Functional Block Diagram
Figure 2: EnerChip CC CBC3150 Internal Block Diagram
The EnerChip CC internal schematic is shown in Figure 2. The input voltage from the power supply (VDD) is
applied to the charge pump, the control logic, and is compared to the user-set threshold as determined by the
voltage on VMODE. VMODE is an analog input ranging from 0V to VDD. The ENABLE pin is a digital input that turns
off the charge pump when low. VOUT is either supplied from VDD or the integrated EnerChip energy storage
device. RESET is a digital output that, when low, indicates VOUT is being sourced by the integrated EnerChip.
CFLY is the flying capacitor in the voltage doubler circuit. The value of CFLY can be changed if the output
impedance of the EnerChip CC needs to be modified. The output impedance is dictated by 1/fC, where f is the
frequency of oscillation (typically 100kHz) and C is the capacitor value (typically 0.1µF). GND is system ground.


Similar Part No. - CBC3150-D9C-TR1

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC3150-D9C-TR1 CYMBET-CBC3150-D9C-TR1 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
CBC3150-D9C-TR1 CYMBET-CBC3150-D9C-TR1 Datasheet
935Kb / 16P
   EnerChip CC with Integrated Power Management
CBC3150-D9C-TR1 CYMBET-CBC3150-D9C-TR1 Datasheet
1Mb / 8P
   EnerChip CC Inductive Charging Evaluation Kit
CBC3150-D9C-TR1 CYMBET-CBC3150-D9C-TR1 Datasheet
229Kb / 3P
   Capacitance to EnerChip Battery Charge Conversion Guide
CBC3150-D9C-TR1 CYMBET-CBC3150-D9C-TR1 Datasheet
2Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results

Similar Description - CBC3150-D9C-TR1

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC3105 CYMBET-CBC3105 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
DS-72-21 CYMBET-DS-72-21 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC3112 CYMBET-CBC3112 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
DS-72-04 CYMBET-DS-72-04 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
CBC3150 CYMBET-CBC3150 Datasheet
935Kb / 16P
   EnerChip CC with Integrated Power Management
CBC3112-D7C CYMBET-CBC3112-D7C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
AN-1041 CYMBET-AN-1041 Datasheet
292Kb / 3P
   EnerChip CC Li-Ion Battery Charger with Integrated Energy Storage
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com