Electronic Components Datasheet Search |
|
CBC915-ACA-TR5 Datasheet(PDF) 10 Page - Cymbet Corporation |
|
CBC915-ACA-TR5 Datasheet(HTML) 10 Page - Cymbet Corporation |
10 / 16 page CBC915 EnerChip Energy Processor ©2010-2011 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com DS-72-15 Rev C Page 10 of 16 Command 6: Calibrate EnerChip EP. This command requires a 4.06V power supply to be connected to the converter output. This command reads current A/D voltage and set as new A/D reading as 4.06 volts for the output A/D converter. This command can also be implemented with hardware using the CALIBRATE/ input line. Command 7: This command returns as a single string data from: Command 1 (Power Available) Command 2 (State of the CBC915) Command 3 (Transducer Type) Command 5 (EnerChip State of Charge) EnerChip EP Serial Port Command and Response Syntax The CBC915 supports a command/response protocol on the serial port. The syntax for the commands and responses is listed as follows. Characters not enclosed in <> are case-sensitive required ASCII characters. 0 = null (hex 0). Do not insert extra whitespace characters. <XX> is defined as an ASCII decimal number of exactly the same number of digits as shown between the < and >. Leading zeros are used to left fill the field. (The < and > are not sent.) <cr> is defined as an ASCII carriage return . (The < and > are not sent.) <lf> is defined as an ASCII line feed. (The < and > is not sent.) <space> is defined as an ASCII space character. (The < and > is not sent.) Protocol Request Command to CBC915 on RXD line <#> <space> <command number> <carriage return> Protocol response from CBC915 on TXD line <@> <command number> <comma> (data returned) <carriage return> <line feed> <zero> All commands to the CBC915 take this form on the RXD line: #<space> <X><cr> Where X is the command number. Example: # 2<cr> requests the state of the CBC915 Protocol response from CBC915 on TXD line is as follows: @<X>,<DDDD><cr><lf>>0 Where <X> is an ASCII decimal number echoing the command number and <DDDD> is a specific length (4 digits in this case) ASCII decimal number. Notice the ASCII comma character between the command number and data parameter and the ASCII zero following the <cr> |
Similar Part No. - CBC915-ACA-TR5 |
|
Similar Description - CBC915-ACA-TR5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |