Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N78 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 3N78
Description  NPN/PNP DUAL EMITTER CHOPPER BI-POLAR TRANSISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

3N78 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  3N78 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 3N78

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N70 UTC-3N70 Datasheet
273Kb / 7P
   3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
3N70 UTC-3N70 Datasheet
248Kb / 7P
   3A, 700V N-CHANNEL POWER MOSFET
3N70A UTC-3N70A Datasheet
266Kb / 7P
   700V, 3A N-CHANNEL POWER MOSFET
3N70AG-TN3-R UTC-3N70AG-TN3-R Datasheet
266Kb / 7P
   700V, 3A N-CHANNEL POWER MOSFET
3N70AL-TN3-R UTC-3N70AL-TN3-R Datasheet
266Kb / 7P
   700V, 3A N-CHANNEL POWER MOSFET
More results

Similar Description - 3N78

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDE12400 ETC1-EDE12400 Datasheet
591Kb / 8P
   BI-POLAR CHOPPER STEPPER MOTOR CONTROL MODULE
logo
Jiangsu Changjiang Elec...
EMY1 JIANGSU-EMY1 Datasheet
754Kb / 4P
   Dual Transistors (PNPNPN)
EMZ1 JIANGSU-EMZ1 Datasheet
814Kb / 4P
   Dual Transistors (NPNPNP)
logo
First Silicon Co., Ltd
EMZ1 FS-EMZ1 Datasheet
579Kb / 4P
   Dual NPNPNP transistors
logo
Jiangsu Changjiang Elec...
EMF5 JIANGSU-EMF5 Datasheet
798Kb / 4P
   Dual Transistors (PNPNPN)
UMY1N JIANGSU-UMY1N Datasheet
619Kb / 4P
   Dual Transistors (PNPNPN)
EMF23 JIANGSU-EMF23 Datasheet
4Mb / 4P
   Dual Transistors (PNPNPN)
logo
Illinois Capacitor, Inc...
474BPA050M ILLINOISCAPACITOR-474BPA050M_16 Datasheet
218Kb / 2P
   Bi-Polar/ non-polar 2000 hrs
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com