Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ85 Datasheet(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

Part # SMBJ85
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMBJ85 Datasheet(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  SMBJ85 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMBJ85 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMBJ85 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMBJ85 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMBJ85 Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
Document Number 0240
Rev. 1.0, 22-Sep-11
www.21yangjie.com
SMBJ SERIES
■电性参数 (TA =25℃ 除非另有规定)
Electrical Characteristics (TA =25
unless otherwise noted)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
产品型号(单
向)
Part
Number(Uni)
产品型号(双
向)
Part
Number(Bi)
最小
Min(V)
最大
Max (V)
测试电流
IT
(1)(mA)
最大反向漏电
IR @VWM
Maximum
Reverse
Leakage IR
(3)
(μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(2)
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
SMBJ78
SMBJ78C
86.7
106
1.0
1.0
78
4.3
139
SMBJ78A
SMBJ78CA
86.7
95.8
1.0
1.0
78
4.8
126
SMBJ85
SMBJ85C
94.4
115
1.0
1.0
85
4.0
151
SMBJ85A
SMBJ85CA
94.4
104
1.0
1.0
85
4.4
137
SMBJ90
SMBJ90C
100
122
1.0
1.0
90
3.8
160
SMBJ90A
SMBJ90CA
100
111
1.0
1.0
90
4.1
146
SMBJ100
SMBJ100C
111
136
1.0
1.0
100
3.4
179
SMBJ100A
SMBJ100CA
111
123
1.0
1.0
100
3.7
162
SMBJ110
SMBJ110C
122
149
1.0
1.0
110
3.1
196
SMBJ110A
SMBJ110CA
122
135
1.0
1.0
110
3.4
177
SMBJ120
SMBJ120C
133
163
1.0
1.0
120
2.8
214
SMBJ120A
SMBJ120CA
133
147
1.0
1.0
120
3.1
193
SMBJ130
SMBJ130C
144
176
1.0
1.0
130
2.6
231
SMBJ130A
SMBJ130CA
144
159
1.0
1.0
130
2.9
209
SMBJ150
SMBJ150C
167
204
1.0
1.0
150
2.2
268
SMBJ150A
SMBJ150CA
167
185
1.0
1.0
150
2.5
243
SMBJ160
SMBJ160C
178
218
1.0
1.0
160
2.1
287
SMBJ160A
SMBJ160CA
178
197
1.0
1.0
160
2.3
259
SMBJ170
SMBJ170C
189
231
1.0
1.0
170
2.0
304
SMBJ170A
SMBJ170CA
189
209
1.0
1.0
170
2.2
275
SMBJ188
SMBJ188C
209
255
1.0
1.0
188
1.7
344
SMBJ188A
SMBJ188CA
209
231
1.0
1.0
188
2.0
328
备注:Notes:
(1) 脉冲测试:tp≤50ms Pulse test: tp≤50ms
(2) 浪涌电流波形,如图3,功率降额曲线如图2。
Surge current waveform per Fig. 3 and derated per Fig.2.
(3) 对于双向型,VWM在10V及10V以下,IR值加倍
For bi-directional types having VWM of 10 V and less, the IR limit is doubled
(4) 对于双向SMBJ5.0CA,VBR最大值为7.25V
For the bi-directional SMBJ5.0CA, the maximum VBR is 7.25 V


Similar Part No. - SMBJ85

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMBJ85 JGD-SMBJ85 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
SMBJ85 BILIN-SMBJ85 Datasheet
118Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ85 MICROSEMI-SMBJ85 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Micro Commercial Compon...
SMBJ85 MCC-SMBJ85 Datasheet
323Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
More results

Similar Description - SMBJ85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com