Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDT012A0X3_1109 Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # PDT012A0X3_1109
Description  12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

PDT012A0X3_1109 Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button PDT012A0X3_1109 Datasheet HTML 4Page - Lineage Power Corporation PDT012A0X3_1109 Datasheet HTML 5Page - Lineage Power Corporation PDT012A0X3_1109 Datasheet HTML 6Page - Lineage Power Corporation PDT012A0X3_1109 Datasheet HTML 7Page - Lineage Power Corporation PDT012A0X3_1109 Datasheet HTML 8Page - Lineage Power Corporation PDT012A0X3_1109 Datasheet HTML 9Page - Lineage Power Corporation PDT012A0X3_1109 Datasheet HTML 10Page - Lineage Power Corporation PDT012A0X3_1109 Datasheet HTML 11Page - Lineage Power Corporation PDT012A0X3_1109 Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Preliminary Data Sheet
September 22, 2011
12A Digital Pico DLynxTM: Non-isolated DC-DC Power Modules
3 – 14.4Vdc input; 0.45Vdc to 5.5Vdc output; 12A output
LINEAGE POWER
8
Characteristic Curves
The following figures provide typical characteristics for the 12A Digital Pico DLynx
TM at 1.2Vo and 25oC.
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 7. Converter Efficiency versus Output Current.
Figure 8. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (20
μs /div)
Figure 9. Typical output ripple and noise (CO=22μF
ceramic, VIN = 12V, Io = Io,max, ).
Figure 10. Transient Response to Dynamic Load
Change from 50% to 100% at 12Vin, Cout=
1x47uF+3x330uF, CTune=10nF & RTune=220ohms
TIME, t (2ms/div)
TIME, t (2ms/div)
Figure 1. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 12. Typical Start-up Using Input Voltage (VIN =
12V, Io = Io,max).
50
55
60
65
70
75
80
85
90
95
02
46
8
10
12
Vin=3V
Vin=14V
Vin=12V
0
2
4
6
8
10
12
55
65
75
85
95
105
2m/s
(400LFM)
1.5m/s
(300LFM)
1m/s
(200LFM)
0.5m/s
(100LFM)
NC
Standard
Part (85 C)
Ruggedized (D)
Part (105
°C)


Similar Part No. - PDT012A0X3_1109

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
PDT012A0X3_1108 LINEAGEPOWER-PDT012A0X3_1108 Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
More results

Similar Description - PDT012A0X3_1109

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
PDT012A0X LINEAGEPOWER-PDT012A0X Datasheet
776Kb / 32P
   12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
PDT012A0X3_1108 LINEAGEPOWER-PDT012A0X3_1108 Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
PVX012A0X3-SRZ LINEAGEPOWER-PVX012A0X3-SRZ Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
logo
List of Unclassifed Man...
MDT040A0X ETC2-MDT040A0X Datasheet
1Mb / 35P
   40A Digital Mega DLynxTM: Non-Isolated DC-DC Power Modules
logo
Lineage Power Corporati...
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXH006A0X-SRZ_0910 LINEAGEPOWER-APXH006A0X-SRZ_0910 Datasheet
555Kb / 23P
   Pico TLynx 6A: Non-Isolated DC-DC Power Modules
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS003A0X-SRZ LINEAGEPOWER-APTS003A0X-SRZ Datasheet
627Kb / 25P
   12V Pico TLynx 3A: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com