Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM5232B Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # ZMM5232B
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ZMM5232B Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  ZMM5232B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ZMM5232B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd ZMM5232B Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd ZMM5232B Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
Document Number 0246
Rev. 1.0, 22-Sep-11
ZMM52 SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25℃ unless otherwise noted)
ZMM5221B...ZMM5267B
齐纳电压范围
Zener voltage
range
1)
动态阻抗
Dynamic resistance
测试电流
Test current
反向漏电流
Reverse leakage
current
温度系数
Temperature Coefficient
VZ
rZjT at IZT
rZjK at IZK
IZT
IZK
IR at VR
TKVZ
V
Ω
Ω
mA
mA
μA
V
%K
产品型号
Part Number
Typ.
Typ.
Typ.
ZMM5261B
47
105
< 1000
2.7
0.25
< 0.1
36
< + 0.095
ZMM5262B
51
125
< 1100
2.5
0.25
< 0.1
39
< + 0.096
ZMM5263B
56
150
< 1300
2.2
0.25
< 0.1
43
< + 0.096
ZMM5264B
60
170
< 1400
2.1
0.25
< 0.1
46
< + 0.097
ZMM5265B
62
185
< 1400
2
0.25
< 0.1
47
< + 0.097
ZMM5266B
68
230
< 1600
1.8
0.25
< 0.1
52
< + 0.097
ZMM5267B
75
270
< 1700
1.7
0.25
< 0.1
56
< + 0.098
备注:Notes:
1) 基于直流测试下的热平衡;温度保持在 30℃±2℃
Based on dc-measurement at thermal equilibrium; case temperature maintained at 30℃±2℃


Similar Part No. - ZMM5232B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5232B RECTRON-ZMM5232B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
logo
Shanghai Shunye Electro...
ZMM5232B SY-ZMM5232B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Diodes Incorporated
ZMM5232B DIODES-ZMM5232B Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM5232B JGD-ZMM5232B Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
logo
Shenzhen Ping Sheng Ele...
ZMM5232B PFS-ZMM5232B Datasheet
139Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM5232B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com