Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF58 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # SF58
Description  Super Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SF58 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  SF58 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SF58 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
Document Number 0154
Rev. 1.0, 22-Sep-11
www.21yangjie.com
SF51 THRU SF58
■特性曲线(典型) Characteristics(Typical)
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
5: 反向恢复时间试验电路及测试波形示意图
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
0
50
150
1: 正向电流降额曲线
FIG.1: FORWARD CURRENT DERATING CURVE
单相半波电压电阻和电感负载
0.375”(9.5毫米)引线长度
Single Phase Half Wave 60Hz Resistive or
Inductive Load 0.375''(9.5mm) Lead Length
Ta(℃)
100
0
1.0
2.0
3.0
4.0
5.0
25
3: 典型正向特性曲线
FIG.3: TYPICAL FORWARD CHARACTERISTICS
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.01
0.02
0.2
0.1
0.2
0.4
1.0
2.0
4.0
10
20
VF(V)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
SF57-SF58
SF55-SF56
SF51-SF54
4: 典型反向特性曲线
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=25
Tj=125
Tj=100
0.01
0.1
0
20
40
60
80
100
1.0
10
100
1000
周波数
Number of Cycles
2: 最大正向浪涌冲击耐受力
FIG.2: MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
8.3毫秒正弦半波
8.3ms Single Half Sine Wave
JEDEC Method
12
10
20
100
30
60
90
110
140
0
170
200


Similar Part No. - SF58

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SF58 JUXING-SF58 Datasheet
641Kb / 2P
   Superfast Recovery Rectitiers
logo
Mospec Semiconductor
SF58 MOSPEC-SF58 Datasheet
129Kb / 2P
   POWER RECTIFIERS(5.0A,500-1000V)
logo
Shenzhen Ping Sheng Ele...
SF58 PFS-SF58 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
SF58 CHENDA-SF58 Datasheet
534Kb / 2P
   SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
SF58 HORNBY-SF58 Datasheet
264Kb / 3P
   SUPERFAST RECOVERY RECTIFIER
More results

Similar Description - SF58

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com