Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKBPC2506 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part No. SKBPC2506
Description  Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SKBPC2506 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SKBPC2506 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SKBPC2506 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
Document Number 0077
Rev. 1.0, 22-Sep-11
www.21yangjie.com
SKBPC2504 THRU SKBPC2516
桥式整流器 Bridge Rectifier
■特征 Features
■外形尺寸和印记
Outline Dimensions and Mark
Io
25A
VRRM
400V~1600V
玻璃钝化芯片
Glass passivated chip
耐正向浪涌电流能力高
High surge forward current capability
■用途 Applications
作一般电源三相桥式整流用
General purpose 3 phase Bridge
rectifier applications
■极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
SKBPC25
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
04
06
08
10
12
14
16
反向重复峰值电压
Repetitive Peak
Reverse Voltage
VRRM
V
400
600
800 1000
1200
1400
1600
平均整流输出电流
Average Rectified
Output Current
IO
A
60Hz 正 弦波,
电阻负载
60Hz sine wave,
R-load
用散热器 Tc=55℃
With heatsink Tc=55℃
25
正向(不重复)浪涌
电流
Surge(Nonrepetitive)
Forward Current
IFSM
A
60HZ正弦波,一个周期,Ta=25℃
60HZ sine wave, 1 cycle, Ta=25℃
400
正向浪涌电流的平方
对电流浪涌持续时间
的积分值
Current Squared Time
I
2t
A
2S
1ms≤t<8.3ms Tj=25℃ 单个二极管
1ms≤t<8.3ms Tj=25℃ Rating of per diode
660
存储温度
Storage Temperature
Tstg
-40 ~+150
结温
Junction Temperature
Tj
-40~+150
绝缘耐压
Dielectric Strength
Vdis
KV
端子与外壳之间外加交流电,一分钟
Terminals to case ,AC 1 minute
2.5
■电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
最大值
Max
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=8.5A, 脉冲测试,单个二极管的额定值
IFM=8.5A, Pulse measurement, Rating of per
1.2
反向峰值电流
Peak Reverse Current
IRRM
μA
VRM=VRRM ,脉冲测试,单个二极管的额定值
VRM=VRRM , Pulse measurement, Rating of per diode
10
热阻
Thermal Resistance
RθJ-C
℃/W
结和管壳之间,用散热器
Between junction and case, With heatsink
1.9
METAL HEAT SINK
.669(17.0)
.630(16.0)
1.134(28.8)
1.110(28.2)
1.134(28.8)
1.110(28.2)
Hole for
#10 Screw
.229(5.59)
.200(5.08)
DIA
.033(0.85)
.029(0.75)
.251(6.4)
.244(6.2)
.944(25.0)
MAX
.441(11.2)
.425(10.8)
SKBPC
Dimensions for inches and (millimeters)
.980(24.9)
.941(23.9)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn