Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE15A Datasheet(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

Part # P6KE15A
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

P6KE15A Datasheet(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  P6KE15A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd P6KE15A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd P6KE15A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd P6KE15A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd P6KE15A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
Document Number 0235
Rev. 1.0, 22-Sep-11
www.21yangjie.com
P6KE SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
产品型号
(单向)
Part
Number(Uni)
产品型号
(双向)
Part
Number(Bi)
最小
Min(V)
最大
Max (V)
测试电
IT(mA)
最大反向漏电
IR
Maximum
Reverse
Leakage IR @
VWM (μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
最大温度系数
Maximum
Temperature
Coefficient of VBR
(%/°C)
P6KE200
P6KE200C
180
220
1.0
1.0
162
2.1
287
0.108
P6KE200A
P6KE200CA
190
210
1.0
1.0
171
2.2
274
0.108
P6KE220
P6KE220C
198
242
1.0
1.0
175
1.7
344
0.108
P6KE220A
P6KE220CA
209
231
1.0
1.0
185
1.8
328
0.108
P6KE250
P6KE250C
225
275
1.0
1.0
202
1.7
360
0.110
P6KE250A
P6KE250CA
237
263
1.0
1.0
214
1.7
344
0.110
P6KE300
P6KE300C
270
330
1.0
1.0
243
1.4
430
0.110
P6KE300A
P6KE300CA
285
315
1.0
1.0
256
1.4
414
0.110
P6KE350
P6KE350C
315
385
1.0
1.0
284
1.2
504
0.110
P6KE350A
P6KE350CA
333
368
1.0
1.0
300
1.2
482
0.110
P6KE400
P6KE400C
360
440
1.0
1.0
324
1.0
574
0.110
P6KE400A
P6KE400CA
380
420
1.0
1.0
342
1.1
548
0.110
P6KE440
P6KE440C
396
484
1.0
1.0
356
0.95
631
0.110
P6KE440A
P6KE440CA
418
462
1.0
1.0
376
1.00
602
0.110
P6KE480
P6KE480C
432
528
1.0
1.0
389
0.88
686
0.110
P6KE480A
P6KE480CA
456
504
1.0
1.0
408
0.91
658
0.110
P6KE510
P6KE510C
459
561
1.0
1.0
413
0.82
729
0.110
P6KE510A
P6KE510CA
485
535
1.0
1.0
434
0.86
698
0.110
P6KE540
P6KE540C
486
594
1.0
1.0
437
0.78
772
0.110
P6KE540A
P6KE540CA
513
567
1.0
1.0
459
0.81
740
0.110


Similar Part No. - P6KE15A

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
P6KE15A HUAXINAN-P6KE15A Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
Motorola, Inc
P6KE15A MOTOROLA-P6KE15A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE15A VISHAY-P6KE15A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
DAESAN ELECTRONIC CORP.
P6KE15A DAESAN-P6KE15A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Zowie Technology Corpor...
P6KE15A ZOWIE-P6KE15A Datasheet
83Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE15A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com