Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF771 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BF771
Description  NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF771 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BF771 Datasheet HTML 1Page - Siemens Semiconductor Group BF771 Datasheet HTML 2Page - Siemens Semiconductor Group BF771 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semiconductor Group
1
Dec-11-1996
BF 771
NPN Silicon RF Transistor
• For modulators and
amplifiers in TV and VCR tuners
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BF 771
RBs
Q62702-F1225
1 = B
2 = E
3 = C
SOT-23
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
12
V
Collector-emitter voltage
VCES
20
Collector-base voltage
VCBO
20
Emitter-base voltage
VEBO
2
Collector current
IC
80
mA
Base current
IB
10
Total power dissipation
TS ≤ 69 °C
Ptot
580
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
- 65 ... + 150
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 140
K/W
1)
TS is measured on the collector lead at the soldering point to the pcb.


Similar Part No. - BF771

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771 INFINEON-BF771 Datasheet
54Kb / 5P
   NPN Silicon RF Transistor
2007-04-20
logo
Siemens Semiconductor G...
BF771W SIEMENS-BF771W Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
logo
Infineon Technologies A...
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771 INFINEON-BF771_07 Datasheet
54Kb / 5P
   NPN Silicon RF Transistor
2007-04-20
More results

Similar Description - BF771

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF771W SIEMENS-BF771W Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
BF770A SIEMENS-BF770A Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For IF amplifiers in TV-sat tuners and for VCR modulators)
BF775A SIEMENS-BF775A Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (Especially suitable for amplifiers and TV-sat tuners)
BF517 SIEMENS-BF517 Datasheet
44Kb / 4P
   NPN Silicon RF Transistor (For amplifier and oscillator applications in TV-tuners)
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
   Prescaler IC for TV and VCR tuners
logo
Siemens Semiconductor G...
BF772 SIEMENS-BF772 Datasheet
22Kb / 3P
   NPN Silicon RF Transistor (For application in TV-sat tuners)
BF775W SIEMENS-BF775W Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (Especially suitable for TV-sat and UHF tuners)
BF775 SIEMENS-BF775 Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (Especially suitable for TV-sat and UHF tuners)
logo
NXP Semiconductors
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com