Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR306 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # FR306
Description  Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

FR306 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  FR306 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd FR306 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
Document Number 0128
Rev. 1.0, 22-Sep-11
www.21yangjie.com
FR301 THRU FR307
■特性曲线(典型) Characteristics(Typical)
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
5: 反向恢复时间试验电路及测试波形示意图
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
3: 典型正向特性曲线
FIG.3: TYPICAL FORWARD CHARACTERISTICS
TJ=25
Pulse width=300us
1% Duty Cycle
0.01
0.02
0.4
0.1
0.2
0.4
1.0
2.0
4.0
10
100
VF(V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
1.5
2.25
50
150
1 正向电流降额曲线
FIG.1
FORWARD CURRENT DERATING CURVE
单相半波电压电阻和电感负载
0.375”(9.5毫米)引线长度
Single Phase Half Wave 60Hz Resistive or
Inductive Load 0.375''(9.5mm) Lead Length
Ta()
100
0
0.75
3.0
4: 典型反向特性曲线
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=25℃
Tj=125℃
Tj=100℃
0.01
0.1
0
20
40
60
80
100
1.0
10
100
1000
周波数
Number of Cycles
2: 最大正向浪涌冲击耐受力
FIG.2: MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
8.3毫秒正弦半波
8.3ms Single Half Sine Wave
JEDEC Method
1
2
10
20
100
30
60
90
110
140
0
170
200


Similar Part No. - FR306

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR306 WTE-FR306 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
FR306 GXELECTRONICS-FR306 Datasheet
341Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
FR306 SY-FR306 Datasheet
260Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
FR306 LRC-FR306 Datasheet
50Kb / 2P
   3A FAST RECOVERY DIODES
logo
SAMYANG ELECTRONICS CO....
FR306 SAMYANG-FR306 Datasheet
469Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - FR306

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com