Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP28A Datasheet(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

Part # 5KP28A
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

5KP28A Datasheet(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  5KP28A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 5KP28A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 5KP28A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd 5KP28A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd 5KP28A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
Document Number 0238
Rev. 1.0, 22-Sep-11
www.21yangjie.com
5KP SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
产品型号
(单向)
Part
Number(U
ni)
产品型号
(双向)
Part
Number(Bi)
最小
Min(V)
最大
Max (V)
测试电流
IT(mA)
最大反向漏电
IR
Maximum
Reverse
Leakage IR @
VWM (μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
最大温度系数
Maximum
Temperature
Coefficient of VBR
(%/°C)
5KP78
5KP78C
86.7
106.0
5.0
2.0
78.0
36.0
139
0.108
5KP78A
5KP78CA
86.7
95.8
5.0
2.0
78.0
39.7
126
0.108
5KP85
5KP85C
94.4
115
5.0
2.0
85.0
33.1
151
0.108
5KP85A
5KP85CA
94.4
104
5.0
2.0
85.0
36.5
137
0.110
5KP90
5KP90C
100
122
5.0
2.0
90.0
31.3
160
0.110
5KP90A
5KP90CA
100
111
5.0
2.0
90.0
34.2
146
0.110
5KP100
5KP100C
111
136
5.0
2.0
100
27.9
179
0.110
5KP100A
5KP100CA
111
123
5.0
2.0
100
30.9
162
0.110
5KP110
5KP110C
122
149
5.0
2.0
110
25.5
196
0.112
5KP110A
5KP110CA
122
135
5.0
2.0
110
28.2
177
0.112
5KP120
5KP120C
133
163
5.0
2.0
120
23.4
214
0.112
5KP120A
5KP120CA
133
147
5.0
2.0
120
25.9
193
0.112
5KP130
5KP130C
144
176
5.0
2.0
130
21.6
230
0.112
5KP130A
5KP130CA
144
159
5.0
2.0
130
23.9
209
0.112
5KP150
5KP150C
167
204
5.0
2.0
150
18.7
268
0.112
5KP150A
5KP150CA
167
185
5.0
2.0
150
20.6
243
0.112
5KP160
5KP160C
178
218
5.0
2.0
160
17.4
287
0.112
5KP160A
5KP160CA
178
197
5.0
2.0
160
19.3
259
0.112
5KP170
5KP170C
189
231
5.0
2.0
170
16.4
304
0.112
5KP170A
5KP170CA
189
209
5.0
2.0
170
18.2
275
0.112
5KP188
5KP188C
209
255
5.0
2.0
188
14.5
344
0.112
5KP188A
5KP188CA
209
231
5.0
2.0
188
15.2
328
0.112


Similar Part No. - 5KP28A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP28A SURGE-5KP28A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
DONGGUAN YOU FENG WEI E...
5KP28A YFWDIODE-5KP28A Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Formosa MS
5KP28A FORMOSA-5KP28A Datasheet
148Kb / 4P
   Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
5KP28A LUGUANG-5KP28A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Won-Top Electronics
5KP28A WTE-5KP28A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP28A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com