Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP12A Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # 5KP12A
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

5KP12A Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  5KP12A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 5KP12A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 5KP12A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd 5KP12A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd 5KP12A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
Document Number 0238
Rev. 1.0, 22-Sep-11
www.21yangjie.com
5KP SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
产品型号
(单向)
Part
Number(U
ni)
产品型号
(双向)
Part
Number(Bi)
最小
Min(V)
最大
Max (V)
测试电流
IT(mA)
最大反向漏电
IR
Maximum
Reverse
Leakage IR @
VWM (μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
最大温度系数
Maximum
Temperature
Coefficient of VBR
(%/°C)
5KP22
5KP22C
24.4
29.8
5.0
2.0
22.0
127
39.4
0.100
5KP22A
5KP22CA
24.4
26.9
5.0
2.0
22.0
141
35.5
0.100
5KP24
5KP24C
26.7
32.6
5.0
2.0
24.0
116
43.0
0.101
5KP24A
5KP24CA
26.7
29.5
5.0
2.0
24.0
129
38.9
0.101
5KP26
5KP26C
28.9
35.3
5.0
2.0
26.0
107
46.6
0.101
5KP26A
5KP26CA
28.9
31.9
5.0
2.0
26.0
119
42.1
0.101
5KP26A
5KP26CA
28.9
31.9
5.0
2.0
26.0
119
42.1
0.101
5KP28
5KP28C
31.1
38.0
5.0
2.0
28.0
100
50.1
0.102
5KP28A
5KP28CA
31.1
34.4
5.0
2.0
28.0
110
45.4
0.102
5KP30
5KP30C
33.3
40.7
5.0
2.0
30.0
93.5
53.5
0.103
5KP30A
5KP30CA
33.3
36.8
5.0
2.0
30.0
103
48.4
0.103
5KP33
5KP33C
36.7
44.9
5.0
2.0
33.0
84.7
59.0
0.104
5KP33A
5KP33CA
36.7
40.6
5.0
2.0
33.0
93.8
53.3
0.104
5KP36
5KP36C
40.0
48.9
5.0
2.0
36.0
77.8
64.3
0.104
5KP36A
5KP36CA
40.0
44.2
5.0
2.0
36.0
86.1
58.1
0.104
5KP40
5KP40C
44.4
54.3
5.0
2.0
40.0
70.0
71.4
0.105
5KP40A
5KP40CA
44.4
49.1
5.0
2.0
40.0
77.5
64.5
0.105
5KP43
5KP43C
47.8
58.4
5.0
2.0
43.0
65.2
76.7
0.105
5KP43A
5KP43CA
47.8
52.8
5.0
2.0
43.0
72.0
69.4
0.105
5KP45
5KP45C
50.0
61.1
5.0
2.0
45.0
62.3
80.3
0.106
5KP45A
5KP45CA
50.0
55.3
5.0
2.0
45.0
68.8
72.7
0.106
5KP48
5KP48C
53.3
65.2
5.0
2.0
48.0
58.5
85.5
0.106
5KP48A
5KP48CA
53.3
58.9
5.0
2.0
48.0
64.6
77.4
0.106
5KP51
5KP51C
56.1
69.3
5.0
2.0
51.0
54.9
91.1
0.107
5KP51A
5KP51CA
56.7
62.7
5.0
2.0
51.0
60.7
82.4
0.107
5KP54
5KP54C
60.0
73.3
5.0
2.0
54.0
51.9
96.3
0.107
5KP54A
5KP54CA
60.0
66.3
5.0
2.0
54.0
57.4
87.1
0.107
5KP58
5KP58C
64.4
78.7
5.0
2.0
58.0
48.5
103
0.107
5KP58A
5KP58CA
64.4
71.2
5.0
2.0
58.0
53.4
94
0.107
5KP60
5KP60C
66.7
81.5
5.0
2.0
60.0
46.7
107
0.108
5KP60A
5KP60CA
66.7
73.7
5.0
2.0
60.0
51.7
97
0.108
5KP64
5KP64C
71.1
96.9
5.0
2.0
64.0
43.9
114
0.108
5KP64A
5KP64CA
71.1
78.6
5.0
2.0
64.0
48.5
103
0.108
5KP70
5KP70C
77.6
95.1
5.0
2.0
70.0
40.0
125
0.108
5KP70A
5KP70CA
77.8
86.0
5.0
2.0
70.0
44.2
113
0.108
5KP75
5KP75C
83.3
102
5.0
2.0
75.0
37.3
134
0.108
5KP75A
5KP75CA
83.3
92.1
5.0
2.0
75.0
41.3
121
0.108


Similar Part No. - 5KP12A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP12A SURGE-5KP12A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Microdiode Electronics ...
5KP12A CHENDA-5KP12A Datasheet
838Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
5KP12A VISHAY-5KP12A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
Won-Top Electronics
5KP12A WTE-5KP12A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
5KP12A DIOTEC-5KP12A Datasheet
156Kb / 4P
   Transient Voltage Suppressor Diodes
More results

Similar Description - 5KP12A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com