Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27525DGN Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27525DGN
Description  Dual 5-A High-Speed Low-Side Gate Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27525DGN Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC27525DGN Datasheet HTML 4Page - Texas Instruments UCC27525DGN Datasheet HTML 5Page - Texas Instruments UCC27525DGN Datasheet HTML 6Page - Texas Instruments UCC27525DGN Datasheet HTML 7Page - Texas Instruments UCC27525DGN Datasheet HTML 8Page - Texas Instruments UCC27525DGN Datasheet HTML 9Page - Texas Instruments UCC27525DGN Datasheet HTML 10Page - Texas Instruments UCC27525DGN Datasheet HTML 11Page - Texas Instruments UCC27525DGN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
UCC27523, UCC27524, UCC27525, UCC27526
SLUSAQ3B
– NOVEMBER 2011 – REVISED DECEMBER 2011
www.ti.com
Table 1. Device Logic Table (UCC27523/UCC27524/UCC27525)
UCC27523
UCC27524
UCC27525
ENA
ENB
INA
INB
OUTA
OUTB
OUTA
OUTB
OUTA
OUTB
H
H
L
L
H
H
L
L
H
L
H
H
L
H
H
L
L
H
H
H
H
H
H
L
L
H
H
L
L
L
H
H
H
H
L
L
H
H
L
H
L
L
Any
Any
L
L
L
L
L
L
Any
Any
x(1)
x(1)
L
L
L
L
L
L
x(1)
x(1)
L
L
H
H
L
L
H
L
x(1)
x(1)
L
H
H
L
L
H
H
H
x(1)
x(1)
H
L
L
H
H
L
L
L
x(1)
x(1)
H
H
L
L
H
H
L
H
(1)
Floating condition.
Table 2. Device Logic Table (UCC27526)
INx+ (x = A or B)
INx- (x = A or B)
OUTx (x = A or B)
L
L
L
L
H
L
H
L
H
H
H
L
x(1)
Any
L
Any
x(1)
L
(1)
x = Floating condition.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): UCC27523, UCC27524, UCC27525, UCC27526


Similar Part No. - UCC27525DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27525DGN TI1-UCC27525DGN Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27525DGNR TI1-UCC27525DGNR Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27525DGNR TI1-UCC27525DGNR Datasheet
2Mb / 43P
[Old version datasheet]   Industry-Standard Pinout
More results

Similar Description - UCC27525DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27523 TI1-UCC27523_13 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
[Old version datasheet]   UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
logo
Rohm
BD2310G ROHM-BD2310G Datasheet
1Mb / 18P
   1ch 4 A High Speed Low-side Gate Driver
26.Mar.2020 Rev.001
logo
ON Semiconductor
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com