Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27524DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27524DR
Description  Dual 5-A High-Speed Low-Side Gate Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27524DR Datasheet(HTML) 3 Page - Texas Instruments

  UCC27524DR Datasheet HTML 1Page - Texas Instruments UCC27524DR Datasheet HTML 2Page - Texas Instruments UCC27524DR Datasheet HTML 3Page - Texas Instruments UCC27524DR Datasheet HTML 4Page - Texas Instruments UCC27524DR Datasheet HTML 5Page - Texas Instruments UCC27524DR Datasheet HTML 6Page - Texas Instruments UCC27524DR Datasheet HTML 7Page - Texas Instruments UCC27524DR Datasheet HTML 8Page - Texas Instruments UCC27524DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
UCC27523, UCC27524, UCC27525, UCC27526
www.ti.com
SLUSAQ3B
– NOVEMBER 2011 – REVISED DECEMBER 2011
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage range
VDD
-0.3 to
20.0
V
OUTA, OUTB voltage
-0.3 to
VDD + 0.3
Output continuous source/sink
IOUT_DC
0.3
current
A
Output pulsed source/sink current
IOUT_pulsed
5
(0.5
µs)
INA, INB, INA+, INA-, INB+, INB-, ENA, ENB voltage(3)
-0.3
20
Human body model, HBM
4000
V
ESD(4)
Charge device model, CDM
1000
Operating virtual junction temperature, TJ range
-40
150
Storage temperature range, Tstg
-65
150
°C
Soldering, 10 sec.
300
Lead temperature
Reflow
260
(1)
Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating
conditions
” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND unless otherwise noted. Currents are positive into, negative out of the specified terminal. See
Packaging Section of the datasheet for thermal limitations and considerations of packages.
(3)
The maximum voltage on the Input and Enable pins is not restricted by the voltage on the VDD pin.
(4)
These devices are sensitive to electrostatic discharge; follow proper device handling procedures.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
Supply voltage range, VDD
4.5
12
18
V
Operating junction temperature range
-40
+140
°C
Input voltage, INA, INB, INA+, INA-, INB+, INB-
0
18
V
Enable voltage, ENA and ENB
0
18
Copyright
© 2011, Texas Instruments Incorporated
3


Similar Part No. - UCC27524DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524DR TI1-UCC27524DR Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27524DR TI1-UCC27524DR Datasheet
2Mb / 43P
[Old version datasheet]   Industry-Standard Pinout
More results

Similar Description - UCC27524DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27523 TI1-UCC27523_13 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
[Old version datasheet]   UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
logo
Rohm
BD2310G ROHM-BD2310G Datasheet
1Mb / 18P
   1ch 4 A High Speed Low-side Gate Driver
26.Mar.2020 Rev.001
logo
ON Semiconductor
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com