Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF554 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BF554
Description  NPN Silicon RF Transistor (For general small-signal RF applications up to 300 MHz in amplifier, mixer and oscillator circuits)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF554 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BF554 Datasheet HTML 1Page - Siemens Semiconductor Group BF554 Datasheet HTML 2Page - Siemens Semiconductor Group BF554 Datasheet HTML 3Page - Siemens Semiconductor Group BF554 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
NPN Silicon RF Transistor
BF 554
q
For general small-signal RF applications
up to 300 MHz in amplifier,
mixer and oscillator circuits
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BF 554
Q62702-F1042
CC
SOT-23
1
2
3
B
E
C
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
20
V
Collector-base voltage
VCB0
30
Emitter-base voltage
VEB0
5
Thermal Resistance
Junction - ambient2)
Rth JA
450
K/W
Total power dissipation, TA
25 ˚C
Ptot
280
mW
Storage temperature range
Tstg
– 65 … + 150
Junction temperature
Tj
150
˚C
Collector current
IC
30
mA
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on alumina 15 mm
× 16.7 mm × 0.7 mm.
07.94


Similar Part No. - BF554

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BF554 DIOTEC-BF554 Datasheet
160Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BF554

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF517 SIEMENS-BF517 Datasheet
44Kb / 4P
   NPN Silicon RF Transistor (For amplifier and oscillator applications in TV-tuners)
BF550 SIEMENS-BF550 Datasheet
92Kb / 5P
   PNP Silicon RF Transistor (For common emitter amplifier stages up to 300 MHz For mixer applications in AM/FM radios and VHF TV tuners)
logo
Seme LAB
2N2857C1 SEME-LAB-2N2857C1_10 Datasheet
202Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
logo
Micro Electronics
2N5179 MICRO-ELECTRONICS-2N5179 Datasheet
117Kb / 2P
   NPN SILICON RF SMALL-SIGNAL TRANSISTOR
BC546 MICRO-ELECTRONICS-BC546 Datasheet
315Kb / 4P
   NPN SILICON RF SMALL SIGNAL TRANSISTOR
BF494 MICRO-ELECTRONICS-BF494 Datasheet
117Kb / 2P
   NPN SILICON RF SMALL SIGNAL TRANSISTOR
logo
Seme LAB
2N2857CSM SEME-LAB-2N2857CSM_10 Datasheet
581Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
2N2857C1 SEME-LAB-2N2857C1 Datasheet
206Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
logo
TT Electronics.
2N2857 TTELEC-2N2857 Datasheet
175Kb / 3P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5031 NJSEMI-2N5031 Datasheet
135Kb / 1P
   NPN RF SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com