Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A26746E_1111 Datasheet(PDF) 2 Page - Texas Instruments

Part # TS3A26746E_1111
Description  2 X 2 Crosspoint Switch for Audio Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A26746E_1111 Datasheet(HTML) 2 Page - Texas Instruments

  TS3A26746E_1111 Datasheet HTML 1Page - Texas Instruments TS3A26746E_1111 Datasheet HTML 2Page - Texas Instruments TS3A26746E_1111 Datasheet HTML 3Page - Texas Instruments TS3A26746E_1111 Datasheet HTML 4Page - Texas Instruments TS3A26746E_1111 Datasheet HTML 5Page - Texas Instruments TS3A26746E_1111 Datasheet HTML 6Page - Texas Instruments TS3A26746E_1111 Datasheet HTML 7Page - Texas Instruments TS3A26746E_1111 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LEFT
RIGHT
MIC
SLEEVE
TIP
RING1
RING2
V +
SEL = H
100 kW
MIC BIAS
ACCESSORY
DATA
LEFT
RIGHT
MIC
SLEEVE
TIP
RING1
RING2
V +
SEL
=L
100 kW
MIC BIAS
ACCESSORY
DATA
TS3A26746E
SCDS313B
– FEBRUARY 2011 – REVISED NOVEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TYPICAL APPLICATION BLOCK DIAGRAM
Figure 1. Standard Headphone Configuration (SEL=H)
Figure 2. Alternate Headphone Configuration (SEL=L)
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TS3A26746E


Similar Part No. - TS3A26746E_1111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A26746E TI1-TS3A26746E_14 Datasheet
1Mb / 14P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
More results

Similar Description - TS3A26746E_1111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A26746E TI1-TS3A26746E Datasheet
994Kb / 12P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
MAY2011
TS3A26746E TI1-TS3A26746E_14 Datasheet
1Mb / 14P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Analog Devices
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com