Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51916RUKR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51916RUKR
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51916RUKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS51916RUKR Datasheet HTML 3Page - Texas Instruments TPS51916RUKR Datasheet HTML 4Page - Texas Instruments TPS51916RUKR Datasheet HTML 5Page - Texas Instruments TPS51916RUKR Datasheet HTML 6Page - Texas Instruments TPS51916RUKR Datasheet HTML 7Page - Texas Instruments TPS51916RUKR Datasheet HTML 8Page - Texas Instruments TPS51916RUKR Datasheet HTML 9Page - Texas Instruments TPS51916RUKR Datasheet HTML 10Page - Texas Instruments TPS51916RUKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
TPS51916
Thermal Pad
VTTSNS
VLDOIN
VTT
VTTGND
VTTREF
DRVL
V5IN
SW
DRVH
VBST
TPS51916
www.ti.com
SLUSAE1B
– DECEMBER 2010 – REVISED AUGUST 2011
DEVICE INFORMATION
RUK PACKAGE (TOP VIEW)
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
DRVH
14
O
High-side MOSFET gate driver output.
DRVL
11
O
Low-side MOSFET gate driver output.
GND
7
Signal ground.
MODE
19
I
Connect resistor to GND to configure switching frequency, control mode and discharge mode. (See Table 2)
PGND
10
Gate driver power ground. RDS(on) current sensing input(+).
PGOOD
20
O
Powergood signal open drain output. PGOOD goes high when VDDQ output voltage is within the target range.
Reference input for VDDQ. Connect to the midpoint of a resistor divider from VREF to GND. Add a capacitor for
REFIN
8
I
stable operation.
SW
13
I/O
High-side MOSFET gate driver return. RDS(on) current sensing input(–).
S3
17
I
S3 signal input. (See Table 1)
S5
16
I
S5 signal input. (See Table 1)
TRIP
18
I
Connect resistor to GND to set OCL at VTRIP/8. Output 10-μA current at room temperature, TC = 4700 ppm/°C.
VBST
15
I
High-side MOSFET gate driver bootstrap voltage input. Connect a capacitor from the VBST pin to the SW pin.
VDDQSNS
9
I
VDDQ output voltage feedback. Reference input for VTTREF. Also serves as power supply for VTTREF.
VLDOIN
2
I
Power supply input for VTT LDO. Connect VDDQ in typical application.
VREF
6
O
1.8-V reference output.
VTT
3
O
VTT 2-A LDO output. Need to connect 10
μF or larger capacitance for stability.
VTTGND
4
Power ground for VTT LDO.
VTTREF
5
O
Buffered VTT reference output. Need to connect 0.22
μF or larger capacitance for stability.
VTTSNS
1
I
VTT output voltage feedback.
V5IN
12
I
5-V power supply input for internal circuits and MOSFET gate drivers.
Thermal
Thermal pad. Connect directly to system GND plane with multiple vias.
pad
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS51916RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51916RUKR TI1-TPS51916RUKR Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
More results

Similar Description - TPS51916RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
[Old version datasheet]   COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_16 Datasheet
1Mb / 45P
[Old version datasheet]   Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com