Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD257DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD257DR
Description  CAN Transceiver with Fast Loop Times for Highly Loaded Networks
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD257DR Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD257DR Datasheet HTML 1Page - Texas Instruments SN65HVD257DR Datasheet HTML 2Page - Texas Instruments SN65HVD257DR Datasheet HTML 3Page - Texas Instruments SN65HVD257DR Datasheet HTML 4Page - Texas Instruments SN65HVD257DR Datasheet HTML 5Page - Texas Instruments SN65HVD257DR Datasheet HTML 6Page - Texas Instruments SN65HVD257DR Datasheet HTML 7Page - Texas Instruments SN65HVD257DR Datasheet HTML 8Page - Texas Instruments SN65HVD257DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN65HVD255
SN65HVD256
www.ti.com
SLLSEA2
– DECEMBER 2011
PROTECTION FEATURES
TXD DOMINANT TIME OUT (DTO)
During normal mode, the only mode where the CAN driver is active, the TXD dominant time out circuit prevents
the transceiver from blocking network communication in event of a hardware or software failure where TXD is
held dominant longer than the time out period tTXD_DTO. The dominant time out circuit is triggered by a falling
edge on TXD. If no rising edge is seen before the time out period of the circuit expires, the CAN bus driver is
disabled. This keeps the bus free for communication between other nodes on the network. The CAN driver is
re-activated when a recessive signal is seen on TXD pin, thus clearing the TXD dominant time out. The receiver
and RXD pin will still reflect the CAN bus and the bus pins will be biased to recessive level during a TXD
dominant time out.
APPLICATION NOTE: The minimum dominant TXD time allowed by the TXD dominant time out limits the
minimum possible transmitted data rate of the device. The CAN protocol allows a maximum of eleven
successive dominant bits (on TXD) for the worst case, where five successive dominant bits are followed
immediately by an error frame. This, along with the tTXD_DTO minimum, limits the minimum data rate. The
minimum transmitted data rate may be calculated by: Minimum Data Rate = 11/ tTXD_DTO.
THERMAL SHUTDOWN
If the junction temperature of the device exceeds the thermal shut down threshold the device will turn off the
CAN driver circuits thus blocking the TXD to bus transmission path. The shutdown condition is cleared once the
junction temperature drops below the thermal shutdown temperature of the device.
APPLICATION NOTE: During thermal shutdown the CAN bus drivers will be turned off thus no transmission
is possible from TXD to the bus. The CAN bus pins will be biased to recessive level during a thermal
shutdown and the receiver to RXD path will remain operational.
UNDER VOLTAGE LOCKOUT
The supply pins have undervoltage detection which place the device in protected mode. This protects the bus
during an undervoltage event on either the VCC or VRXD supply pins.
Table 4. Undervoltage Lockout 5V Only Device
VCC
DEVICE STATE
BUS OUTPUT
RXD
GOOD
Normal
Per Device State and TXD
Mirrors Bus
BAD
Protected
High Impedance
High Impedance (3-state)
Table 5. Undervoltage Lockout 5V and VRXD Device
VCC
VRXD
DEVICE STATE
BUS OUTPUT
RXD
GOOD
GOOD
Normal
Per Device State and TXD
Mirrors Bus
BAD
GOOD
Protected
High Impedance
High (Recessive)
GOOD
BAD
Protected
Recessive
High Impedance (3-state)
BAD
BAD
Protected
High Impedance
High Impedance (3-state)
APPLICATION NOTE: Once an undervoltage condition is cleared and the supplies have returned to valid
levels the device will typically need 300
µs to transition to normal operation.
UNPOWERED DEVICE
The device is designed to be an "ideal passive" or
“no load” to the CAN bus if it is unpowered. The bus pins
(CANH, CANL) have extremely low leakage currents when the device is unpowered so they will not load down
the bus. This is critical if some nodes of the network will be unpowered while the rest of the of network remains in
operation. Logic pins will also have extremely low leakage currents when the device is unpowered so they will
not load down other circuits which may remain powered.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65HVD255 SN65HVD256


Similar Part No. - SN65HVD257DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD257DR TI-SN65HVD257DR Datasheet
909Kb / 28P
[Old version datasheet]   Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
More results

Similar Description - SN65HVD257DR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-42670 ONSEMI-AMIS-42670_13 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS-42670 ONSEMI-AMIS-42670 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS42670ICAH2RG ONSEMI-AMIS42670ICAH2RG Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS-42675 ONSEMI-AMIS-42675 Datasheet
196Kb / 12P
   High Speed Low Power CAN Transceiver for Long Wire Networks
December, 2008 ??Rev. 2
NCN5120 ONSEMI-NCN5120 Datasheet
418Kb / 54P
   Transceiver for KNX Twisted Pair Networks
April, 2013 ??Rev. 2
NCN5110 ONSEMI-NCN5110_16 Datasheet
289Kb / 24P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 1
NCN5121 ONSEMI-NCN5121_16 Datasheet
466Kb / 58P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 1
NCN51206GEVB ONSEMI-NCN51206GEVB Datasheet
460Kb / 55P
   Transceiver for KNX Twisted Pair Networks
October, 2015 ??Rev. 6
NCN5130 ONSEMI-NCN5130_16 Datasheet
469Kb / 58P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 3
NCN5120 ONSEMI-NCN5120_15 Datasheet
460Kb / 55P
   Transceiver for KNX Twisted Pair Networks
October, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com