Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD256D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD256D
Description  CAN Transceiver with Fast Loop Times for Highly Loaded Networks
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD256D Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD256D Datasheet HTML 5Page - Texas Instruments SN65HVD256D Datasheet HTML 6Page - Texas Instruments SN65HVD256D Datasheet HTML 7Page - Texas Instruments SN65HVD256D Datasheet HTML 8Page - Texas Instruments SN65HVD256D Datasheet HTML 9Page - Texas Instruments SN65HVD256D Datasheet HTML 10Page - Texas Instruments SN65HVD256D Datasheet HTML 11Page - Texas Instruments SN65HVD256D Datasheet HTML 12Page - Texas Instruments SN65HVD256D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SN65HVD255
SN65HVD256
www.ti.com
SLLSEA2
– DECEMBER 2011
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating conditions, TA = –40°C to 125°C (unless otherwise noted). SN65HVD256 device VRXD = VCC.
PARAMETER
TEST CONDITIONS / COMMENT
MIN
TYP(1)
MAX UNIT
8.0
DEVICE SWITCHING CHARACTERISTICS
Total loop delay, driver input (TXD) to
8.1
tPROP(LOOP1) receiver output (RXD), recessive to
150
dominant
See Figure 7, S = 0 V, RL = 60Ω,
ns
CL = 100pF, CL_RXD = 15pF
Total loop delay, driver input (TXD) to
8.2
tPROP(LOOP2) receiver output (RXD), dominant to
150
recessive
Mode change time, from Normal to Silent
8.3
IMODE
See Figure 6
20
µS
or from Silent to Normal
9.0
DRIVER ELECTRICAL CHARACTERISTICS
9.1
CANH
See Figure 2 and Figure 4, TXD = 0
2.75
4.5
Bus output voltage
VO(D)
V, S = 0 V, RL = 60Ω, CL = open,
V
(dominant
9.2
CANL
0.5
2.25
RCM = open
See Figure 2 and Figure 4, TXD =
9.3
VO(R)
Bus output voltage (recessive)
VCC, VRXD = VCC, S = VCC or 0 V
(2),
2
0.5
×VCC
3
V
RL = open (no load), RCM = open
See Figure 2 and Figure 4, TXD = 0
V, S = 0 V, 45
Ω ≤ RL ≤ 65Ω, CL =
9.4
1.5
3
open, RCM = 330Ω, –2 V ≤ VCM ≤ 7
V, 4.75 V
≤ VCC ≤ 5.25 V
VOD(D)
Differential output voltage (dominant)
V
See Figure 2 and Figure 4, TXD = 0
V, S = 0 V, 45
Ω ≤ RL ≤ 65Ω, CL =
9.5
1.25
3.2
open, RCM = 330Ω, –2 V ≤ VCM ≤ 7
V, 4.5V
≤ VCC ≤ 5.5 V
See Figure 2 and Figure 4, TXD =
9.6
VCC, S = 0 V, RL = 60Ω, CL = open,
–0.12
0.012
RCM = open
VOD(R)
Differential output voltage (recessive)
V
See Figure 2 and Figure 4, TXD =
VCC, S = 0 V, RL = open (no load),
9.7
–0.100
0.050
CL = open, RCM = open, –40°C ≤ TA
≤ 85°C
Output symmetry (dominant or
See Figure 2 and Figure 4, S at 0 V,
recessive)
9.8
VSYM
–0.4
0.4
V
RL = 60Ω, CL = open, RCM = open
(VCC – VO(CANH) – VO(CANL))
See Figure 2 and Figure 9, VCANH =
9.9
–160
0 V, CANL = open, TXD = 0V
Short-circuit steady-state output current,
IOS(SS)_DOM
mA
Dominant
See Figure 2 and Figure 9, VCANL =
9.10
160
32 V, CANH = open, TXD = 0V
See Figure 2 and Figure 9,
–20 V ≤
Short-circuit steady-state output current,
VBUS ≤ 32 V, Where VBUS = CANH =
9.11
IOS(SS)_REC
–8
8
mA
Recessive
CANL, TXD = VCC, Normal and
Silent Modes
9.12
CO
Ouatput capacitance
See receiver input capacitance
10.0
DRIVER SWITCHING CHARACTERISTICS
Propagation delay time,HIGH TXD to
10.1
tpHR
50
70
Driver Recessive
Propagation delay time,LOW TXD to
10.2
tpLD
40
70
See Figure 4, S = 0 V, RL = 60Ω,
Driver Dominant
ns
CL = 100pF, RCM = open
10.3
tsk(p)
Pulse skew (|tpHR - tpLD|)
10
10.4
tR
Differential output signal rise time
10
30
10.5
tF
Differential output signal fall time
17
30
(2)
For the bus output voltage (recessive) will be the same if the device is in normal mode with S pin LOW or if the device is in silent mode
with the S pin is HIGH.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN65HVD255 SN65HVD256


Similar Part No. - SN65HVD256D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD256D TI-SN65HVD256D Datasheet
909Kb / 28P
[Old version datasheet]   Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
SN65HVD256DR TI-SN65HVD256DR Datasheet
909Kb / 28P
[Old version datasheet]   Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
More results

Similar Description - SN65HVD256D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-42670 ONSEMI-AMIS-42670_13 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS-42670 ONSEMI-AMIS-42670 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS42670ICAH2RG ONSEMI-AMIS42670ICAH2RG Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS-42675 ONSEMI-AMIS-42675 Datasheet
196Kb / 12P
   High Speed Low Power CAN Transceiver for Long Wire Networks
December, 2008 ??Rev. 2
NCN5120 ONSEMI-NCN5120 Datasheet
418Kb / 54P
   Transceiver for KNX Twisted Pair Networks
April, 2013 ??Rev. 2
NCN5110 ONSEMI-NCN5110_16 Datasheet
289Kb / 24P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 1
NCN5121 ONSEMI-NCN5121_16 Datasheet
466Kb / 58P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 1
NCN51206GEVB ONSEMI-NCN51206GEVB Datasheet
460Kb / 55P
   Transceiver for KNX Twisted Pair Networks
October, 2015 ??Rev. 6
NCN5130 ONSEMI-NCN5130_16 Datasheet
469Kb / 58P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 3
NCN5120 ONSEMI-NCN5120_15 Datasheet
460Kb / 55P
   Transceiver for KNX Twisted Pair Networks
October, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com