Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD256 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD256
Description  CAN Transceiver with Fast Loop Times for Highly Loaded Networks
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD256 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD256 Datasheet HTML 7Page - Texas Instruments SN65HVD256 Datasheet HTML 8Page - Texas Instruments SN65HVD256 Datasheet HTML 9Page - Texas Instruments SN65HVD256 Datasheet HTML 10Page - Texas Instruments SN65HVD256 Datasheet HTML 11Page - Texas Instruments SN65HVD256 Datasheet HTML 12Page - Texas Instruments SN65HVD256 Datasheet HTML 13Page - Texas Instruments SN65HVD256 Datasheet HTML 14Page - Texas Instruments SN65HVD256 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SN65HVD255
SN65HVD256
www.ti.com
SLLSEA2
– DECEMBER 2011
THERMAL CHARACTERISTICS
13.0
THERMAL METRIC(1)
TEST CONDITIONS
TYP
UNIT
13.1
θJA
Junction-to-air thermal resistance
High-K thermal resistance(2)
107.5
13.2
θJB
Junction-to-board thermal resistance(3)
48.9
13.3
θJC(TOP)
Junction-to-case (top) thermal resistance(4)
56.7
°C/W
13.4
ΨJT
Junction-to-top characterization parameter(5)
12.1
13.5
ΨJB
Junction-to-board characterization parameter(6)
48.2
VCC = 5 V, VRXD = 5 V, TJ = 27°C, RL = 60Ω, S at
0 V, Input to TXD at 250 kHz, 25% duty cycle
13.6
square wave, CL_RXD = 15 pF. Typical CAN
115
operating conditions at 500kbps with 25%
transmission (dominant) rate.
PD
Average power dissipation
mW
VCC = 5.5 V, VRXD = 5.5 V, TJ = 150°C, RL = 50Ω,
S at 0 V, Input to TXD at 500 kHz, 50% duty cycle
13.7
square wave, CL_RXD = 15 pF. Typical high load
268
CAN operating conditions at 1mbps with 50%
transmission (dominant) rate and loaded network.
13.8
Thermal shutdown temperature
170
°C
13.9
Thermal shutdown hysteresis
5
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, High-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
he junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(4)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(5)
The junction-to-top characterization parameter,
ΨJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ΨJB estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN65HVD255 SN65HVD256


Similar Part No. - SN65HVD256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD256 TI-SN65HVD256 Datasheet
909Kb / 28P
[Old version datasheet]   Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
SN65HVD256D TI-SN65HVD256D Datasheet
909Kb / 28P
[Old version datasheet]   Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
SN65HVD256DR TI-SN65HVD256DR Datasheet
909Kb / 28P
[Old version datasheet]   Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
More results

Similar Description - SN65HVD256

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-42670 ONSEMI-AMIS-42670_13 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS-42670 ONSEMI-AMIS-42670 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS42670ICAH2RG ONSEMI-AMIS42670ICAH2RG Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS-42675 ONSEMI-AMIS-42675 Datasheet
196Kb / 12P
   High Speed Low Power CAN Transceiver for Long Wire Networks
December, 2008 ??Rev. 2
NCN5120 ONSEMI-NCN5120 Datasheet
418Kb / 54P
   Transceiver for KNX Twisted Pair Networks
April, 2013 ??Rev. 2
NCN5110 ONSEMI-NCN5110_16 Datasheet
289Kb / 24P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 1
NCN5121 ONSEMI-NCN5121_16 Datasheet
466Kb / 58P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 1
NCN51206GEVB ONSEMI-NCN51206GEVB Datasheet
460Kb / 55P
   Transceiver for KNX Twisted Pair Networks
October, 2015 ??Rev. 6
NCN5130 ONSEMI-NCN5130_16 Datasheet
469Kb / 58P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 3
NCN5120 ONSEMI-NCN5120_15 Datasheet
460Kb / 55P
   Transceiver for KNX Twisted Pair Networks
October, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com