Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV612 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV612
Description  2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV612 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV612 Datasheet HTML 7Page - Texas Instruments DRV612 Datasheet HTML 8Page - Texas Instruments DRV612 Datasheet HTML 9Page - Texas Instruments DRV612 Datasheet HTML 10Page - Texas Instruments DRV612 Datasheet HTML 11Page - Texas Instruments DRV612 Datasheet HTML 12Page - Texas Instruments DRV612 Datasheet HTML 13Page - Texas Instruments DRV612 Datasheet HTML 14Page - Texas Instruments DRV612 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
fc
IN +
1
2p R
IN CIN
C
IN +
1
2p fc
IN RIN
or
Supply ramp
Supply
MUTE
_
Time for ac -coupling
capasitors to charge
DRV612
www.ti.com
SLOS690B
– DECEMBER 2010 – REVISED APRIL 2011
Input-Blocking Capacitors
DC input-blocking capacitors are required to be added in series with the audio signal into the input pins of the
DRV612. These capacitors block the dc portion of the audio source and allow the DRV612 inputs to be properly
biased to provide maximum performance. The input blocking capacitors also limit the dc gain to 1, limiting the
dc-offset voltage at the output.
These capacitors form a high-pass filter with the input resistor, RIN. The cutoff frequency is calculated using
Equation 1. For this calculation, the capacitance used is the input-blocking capacitor and the resistance is the
input resistor chosen from Table 2. Then the frequency and/or capacitance can be determined when one of the
two values is given.
(1)
For a fixed cutoff frequency of 2 Hz, the size of the input capacitance is shown in Table 2 with the capacitors
rounded up to nearest E6 values. For 20-Hz cutoff, simply divide the capacitor values with 10; e.g., for 1
× gain,
150 nF is needed.
Table 2. Input Capacitor for Different Gain and Cutoff
Gain_set
Gain
INPUT
2 Hz
GAIN
RESISTOR
(dB)
RESISTANCE
Cutoff
249 k
Ω
–2 ×
6
37 k
Ω
2.2
µF
82k5
–1 ×
0.0
55 k
Ω
1.5
µF
51k1
–1.5×
3.5
44 k
Ω
2.2
µF
34k8
–2.3×
7.2
33 k
Ω
3.3
µF
27k4
–2.5×
8
31 k
Ω
3.3
µF
20k5
–3×
9.5
28 k
Ω
3.3
µF
15k4
–3.5×
10.9
24 k
Ω
3.3
µF
11k5
–4×
12
22 k
Ω
4.7
µF
9k09
–5×
14
18 k
Ω
4.7
µF
7k5
–5.6×
15
17 k
Ω
4.7
µF
6k19
–6.4×
16.1
15 k
Ω
6.8
µF
5k11
–8.3×
18.4
12 k
Ω
6.8
µF
4k22
–10×
20
10 k
Ω
10
µF
Pop-Free Power Up
Pop-free power up is ensured by keeping the MUTE pin low during power-supply ramp-up and -down. The pins
should be kept low until the input ac-coupling capacitors are fully charged before asserting the MUTE pin high,
this way proper pre-charge of the ac-coupling is performed and pop-less power up is achieved. Figure 9
illustrates the preferred sequence.
Figure 9. Power-Up/Down Sequence
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :DRV612


Similar Part No. - DRV612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV612PW TI1-DRV612PW Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
DRV612PWR TI1-DRV612PWR Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
DRV612RGTR TI1-DRV612RGTR Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
DRV612RGTT TI1-DRV612RGTT Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
More results

Similar Description - DRV612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV612 TI1-DRV612_16 Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI-DRV632 Datasheet
450Kb / 18P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI-DRV632_15 Datasheet
807Kb / 23P
[Old version datasheet]   DRV632 DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Unisonic Technologies
PA3632 UTC-PA3632 Datasheet
205Kb / 9P
   DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
logo
Texas Instruments
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com