Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EPC112 Datasheet(PDF) 7 Page - Espros Photonics corp

Part No. EPC112
Description  Fully integrated standalone light barrier driver & receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC112 Datasheet(HTML) 7 Page - Espros Photonics corp

Back Button EPC112 Datasheet HTML 3Page - Espros Photonics corp EPC112 Datasheet HTML 4Page - Espros Photonics corp EPC112 Datasheet HTML 5Page - Espros Photonics corp EPC112 Datasheet HTML 6Page - Espros Photonics corp EPC112 Datasheet HTML 7Page - Espros Photonics corp EPC112 Datasheet HTML 8Page - Espros Photonics corp EPC112 Datasheet HTML 9Page - Espros Photonics corp EPC112 Datasheet HTML 10Page - Espros Photonics corp EPC112 Datasheet HTML 11Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
epc111/112
Light Reserve Output OUTH
However, if the incoming signal is just at the trigger threshold of OUTN, an unstable situation can occur. Thus, a second output OUTH is
integrated with a higher trigger threshold to indicate that a certain 'light reserve' is reached (see Figure 3). This output is usually used to drive
a visible LED to indicate to the operator a stable detection function of the light barrier. To have not too short pulses OUTH, this signal is
stimulated by signal OUTH Filter and synchronously reset by OUTN.
The trigger threshold of OUTH is set approx. 50% above the trigger threshold of OUTN.
OUTN Filter
OUTH Filter
OUTN
OUTH
Emitter LED
Figure 5: synchronization OUTH with OUTN
This output is not CMOS compatible. Its voltage is depending of the load according to Figure 6. To have still digital compatible signals a level
conversion is necessary.
File: Unbenannt
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
OUTH low min.: 3.0V / + 85ºC
OUTH low max.: 3.6V / - 40ºC
OUTH low typ.
OUTH high max.
Voltage OUTH [V]
Figure 6: Output voltage versus output current of output OUTH
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
7
Datasheet epc111_112 - V2.2
www.espros.ch


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn