Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC110 Datasheet(PDF) 12 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 12 Page - Espros Photonics corp

Back Button EPC110 Datasheet HTML 8Page - Espros Photonics corp EPC110 Datasheet HTML 9Page - Espros Photonics corp EPC110 Datasheet HTML 10Page - Espros Photonics corp EPC110 Datasheet HTML 11Page - Espros Photonics corp EPC110 Datasheet HTML 12Page - Espros Photonics corp EPC110 Datasheet HTML 13Page - Espros Photonics corp EPC110 Datasheet HTML 14Page - Espros Photonics corp EPC110 Datasheet HTML 15Page - Espros Photonics corp EPC110 Datasheet HTML 16Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
epc110
Parameter settings can be done by writing complete 16 bit registers only.
Bits marked up in white fields shall be modified or programmed only. Gray marked bits with a given value in the memory map above must be
set to this. Never change the memory content of gray marked cells without numeric indication. Writing to this cells is not allowed.
The RAM can be written only, if the corresponding ROM memory hasn’t been written before (FUSEBIT = 0) or if the volatile mode is active
(VMODE = 0). The first bit of each 16-bit ROM register serves as write inhibit bit (FUSEBIT). To write to the ROM, the micro-controller has to
write the data to the RAM first (with FUSEBIT = 0). From there, the micro-controller can first double check the data integrity. When a memory
section is verified, the content can be transferred from the RAM memory to the ROM using the command PROG (refer to chapter Command
PROG). While processing this instruction the FUSEBIT will be set to “1” by epc110.
The device is fully operational as well without programming the ROM, but data will be lost at power down. Operating the chip in this mode is
helpful during the development of the product or if your application needs an adaptive mode. However, in the final application for a standalone
or self-reboot operation, the parameters must be stored into the ROM memory.
Parameter Description (epc110)
Parameter
Name
Register No.
Bit No.
Function
ROM
RAM
FUSEBIT
0
16
0
During write operation to this RAM register, put this bit = 0.
This bit will be set automatically, when corresponding ROM register is prog rammed.
0 Values
0 The corresponding ROM register is not programmed
1 The corresponding ROM register is programmed
POL
0
16
1
Polarity of the LED pulse. Setting is depending on the LED driver circuitry.
1 Values
Default
Recommended Setting
0 active low
X
1 active high
X
TPULSE
0
16
4...2
Pulse length tPulse of the light pulse
4
3
2
Values
Default
Recommended Setting
0
0
0
1μs
X
0
0
1
2μs
X (typical setting)
0
1
0
3μs
0
1
1
4μs
1
0
0
5μs
1
0
1
6μs
1
1
0
7μs
1
1
1
8μs
n/a
2
18
11...5
no function, must be set as listed below
11 10
9
8
7
6
5
1
0
0
0
0
0
0
MODE
0
16
14...12 Definition of operation mode.
14 13 12 Value
1
0
1 Fork light barrier, standalone mode:
LED pulse and light detection reading generated internally.
0
1
1 Fork light barrier, controlled mode:
Externally stimulated LED pulse by positive edge of signal on pin EN.
Externally controlled light detection by signal on pin EN=1.
x
x
x All other settings forbidden. Function of the device not defined and guaranteed.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
12
Datasheet epc110 - V2.1
www.espros.ch


Similar Part No. - EPC110

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1104H PCA-EPC1104H Datasheet
16Kb / 1P
   Ethernet DC/DC Regulated Converter
EPC1104P PCA-EPC1104P Datasheet
16Kb / 1P
   Ethernet DC/DC Regulated Converter
EPC1104PN2 PCA-EPC1104PN2 Datasheet
18Kb / 1P
   Ethernet DC/DC Converter
EPC1104PN2 PCA-EPC1104PN2_15 Datasheet
18Kb / 1P
   Ethernet DC/DC Converter
EPC1104 PCA-EPC1104_15 Datasheet
19Kb / 1P
   Ethernet DC/DC Regulated Converter
More results

Similar Description - EPC110

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC111 EPC-EPC111 Datasheet
463Kb / 14P
   Fully integrated standalone light barrier driver & receiver
EPC111 EPC-EPC111_17 Datasheet
582Kb / 14P
   Fully integrated standalone light barrier driver & receiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_97 Datasheet
689Kb / 20P
   Fully Integrated Low IF Receiver
logo
Princeton Technology Co...
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
   Fully Integrated OOK/ASK Receiver
logo
Espros Photonics corp
EPC120 EPC-EPC120 Datasheet
558Kb / 27P
   Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
   FULLY INTEGRATED STEPPER MOTOR DRIVER
logo
Sipex Corporation
SP8040 SIPEX-SP8040 Datasheet
23Kb / 2P
   4 Channel, 100MHz Fully Integrated PDIC Receiver
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
STMicroelectronics
L6474 STMICROELECTRONICS-L6474 Datasheet
741Kb / 51P
   easySPIN ??fully integrated microstepping motor driver
L6472 STMICROELECTRONICS-L6472 Datasheet
1Mb / 69P
   dSPIN fully integrated microstepping motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com