Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC78BC00 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MC78BC00
Description  VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC78BC00 Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC78BC00 Series
4
MOTOROLA ANALOG IC DEVICE DATA
0
500
–30
60
0
8.0
–30
5.00
t, TIME (
µs)
Vin = 6.0 V
TA = 25°C
CL = 1.0 µF
MC78BC50NTR
& MJD32C
TA, AMBIENT TEMPERATURE (°C)
t, TIME (
µs)
Figure 5. Output Voltage versus Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 6. Supply Current versus Temperature
Figure 7. Line Transient Response
Figure 8. Load Transient Response
4.96
4.98
4.94
4.92
50
40
30
20
10
0
400
300
200
100
0
–300
–100
–200
6.0
7.0
5.0
4.0
0
25
50
80
0
25
50
80
4.0
20
8.0
40
12
60
16
80
20
100
24
120
140
Output Current
Output Voltage
50
40
30
20
10
0
–10
–20
500
400
300
200
100
0
–100
MC78BC50NTR
& MJD32C
IO = 100 mA
Vin = 6.0 V
MC78BC50NTR
& MJD32C
IO = 0 mA
Vin = 6.0 V
CL = 1.0 µF
IO = 100 mA
TA = 25°C
MC78BC50NTR & MJD32C
Output Voltage
Input Voltage


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn