Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDSX5-85D Datasheet(PDF) 46 Page - Fuji Electric

Part # EDSX5-85D
Description  ELECTRONIC TRANSMITTER with FIELDBUS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX5-85D Datasheet(HTML) 46 Page - Fuji Electric

Back Button EDSX5-85D Datasheet HTML 40Page - Fuji Electric EDSX5-85D Datasheet HTML 41Page - Fuji Electric EDSX5-85D Datasheet HTML 42Page - Fuji Electric EDSX5-85D Datasheet HTML 43Page - Fuji Electric EDSX5-85D Datasheet HTML 44Page - Fuji Electric EDSX5-85D Datasheet HTML 45Page - Fuji Electric EDSX5-85D Datasheet HTML 46Page - Fuji Electric EDSX5-85D Datasheet HTML 47Page - Fuji Electric EDSX5-85D Datasheet HTML 48Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
46
Small frange remote seal type pressure transmitter : FDW
Note) Cable gland is supplied in case of flamproof packing type.
ø11 cable is suitable.
7th digit of
Code symbols
11th digit of
Code symbols
Capillary
length : S [mm]
L
5th digit of code symbols
0,G
140
36
4-19
JIS-10K-40A
105
1,H
155
36
4-19
JIS-10K-50A
120
2,J
140
38
4-19
JIS-20K-40A
105
3,K
155
38
8-19
JIS-20K-50A
120
4,L
160
42
4-23
JIS-30K-40A
120
5,M
165
42
8-19
JIS-30K-50A
130
6,N
175
52
4-25
JIS-63K-40A
130
7,P
185
54
8-23
JIS-63K-50A
145
A,Q
127
37.5 4-16
ANSI/JPI-150LB-1 1/2B
Table 1
98.4
B,R
152
39.5 4-20
ANSI/JPI-150LB-2B
120.6
C,S
156
41
4-23
ANSI/JPI-300LB-1 1/2B
114.3
D,T
165
42.5 8-20
ANSI/JPI-300LB-2B
127
E,U
156
42.5 4-23
ANSI/JPI-600LB-1 1/2B
114.3
F,V
165
45.5 8-20
ANSI/JPI-600LB-2B
127
øD
øE
øt
N-øh
(Flange)
Mass approx.
[kg]
V, H, M, T
0
9.5
A
D, Q
1500
E, R
3000
L, S
5000
50
10.5
B
100
11.5
C
150
12
D
200
12.5
JK
M
G1/2
17
8
A, S
1/2-14NPT
16
5
B, T
Pg13.5
8
4.5
C, V
M20 1.5
16
5
D, W
Conduit conn.
4TH DIGIT OF THE
CODE SYMBOLS
CONNECTION
DIAGRAM
CK CK
(M4 screws)
Do not connect.
Field bus
2-M6 screw depth 9
Inner of gasket
<Wafer type>
Inner of
gasket
Up
Down
38
58
237
ø15
J
ø13
G1/2
191
S
60
70
120
20
50
43
20
Lt
37
See table 1
MTG. pipe
JIS 50A (2B)
U - bolt M8
In case of 4th digit code “S,V,W”
Fastener
(Flameproof only)
Cable gland
(option)
“B” Conduit conn.
“A” Conduit conn.1
“A” Conduit conn.2
4 holes
9 dia.
Zero adj. screw
Earth terminal
No flange is attached
in case of 5th digit
code “W,X”
N holes
h dia.
Detail “A”
(Conduit conn.)
Detail “B”
(Conduit conn.)
Note)
Electronics
unit
Sensor
unit


Similar Part No. - EDSX5-85D

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-80K FUJI-EDSX5-80K Datasheet
159Kb / 12P
   PRESSURE TRANSMITTER
EDSX5-82K FUJI-EDSX5-82K Datasheet
208Kb / 12P
   SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-83J FUJI-EDSX5-83J Datasheet
187Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-86D FUJI-EDSX5-86D Datasheet
109Kb / 6P
   PRESSURE TRANSMITTER
EDSX5-87A FUJI-EDSX5-87A Datasheet
131Kb / 8P
   FCX ??C2 PRESSURE TRANSMITTER
More results

Similar Description - EDSX5-85D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7524A AD-ADV7524A Datasheet
71Kb / 2P
   Low Power HDMI Transmitter with Consumer Electronic Control (CEC)
ADV7520NK AD-ADV7520NK_08 Datasheet
268Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520 AD-ADV7520 Datasheet
152Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
logo
Pepperl+Fuchs Inc.
ICE1-16DI-G60L-V1D PF-ICE1-16DI-G60L-V1D Datasheet
871Kb / 4P
   Fieldbus module
ICE1-16DIO-G60L-V1D PF-ICE1-16DIO-G60L-V1D Datasheet
880Kb / 4P
   Fieldbus module
ICE1-8DI8DO-G60L-C1-V1D PF-ICE1-8DI8DO-G60L-C1-V1D Datasheet
873Kb / 4P
   Fieldbus module
ICE1-8DI8DO-G60L-V1D PF-ICE1-8DI8DO-G60L-V1D Datasheet
873Kb / 4P
   Fieldbus module
ICE1-16DIO-G60L-C1-V1D PF-ICE1-16DIO-G60L-C1-V1D Datasheet
878Kb / 4P
   Fieldbus module
logo
ON Semiconductor
AMIS-492X0 ONSEMI-AMIS-492X0 Datasheet
533Kb / 22P
   Fieldbus MAU
June 2008 ??Rev. 6
AMIS-492X0 ONSEMI-AMIS-492X0_16 Datasheet
226Kb / 20P
   Fieldbus MAU
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com