Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDSX5-85D Datasheet(PDF) 20 Page - Fuji Electric

Part # EDSX5-85D
Description  ELECTRONIC TRANSMITTER with FIELDBUS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX5-85D Datasheet(HTML) 20 Page - Fuji Electric

Back Button EDSX5-85D Datasheet HTML 16Page - Fuji Electric EDSX5-85D Datasheet HTML 17Page - Fuji Electric EDSX5-85D Datasheet HTML 18Page - Fuji Electric EDSX5-85D Datasheet HTML 19Page - Fuji Electric EDSX5-85D Datasheet HTML 20Page - Fuji Electric EDSX5-85D Datasheet HTML 21Page - Fuji Electric EDSX5-85D Datasheet HTML 22Page - Fuji Electric EDSX5-85D Datasheet HTML 23Page - Fuji Electric EDSX5-85D Datasheet HTML 24Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
20
<Approvals for hazardous, for fieldbus>
None (for ordinary locations)
TIIS, Flameproof (Conduit seal)
TIIS, Flameproof (Cable gland seal)
FM, Flameproof (or explosionproof)
CSA, Flameproof (or explosionproof)
ATEX, Flameproof
ATEX, Intrinsic safty (Entity)
SAA, Flameproof (or explosionproof)
ATEX, FISCO
<Capillary and mounting bracket>
Capillary
Mounting bracket
armor of capilary
1.5 m
304 Stainless steel
PVC
(*4)
3
304 Stainless steel
PVC
(*4)
5
304 Stainless steel
PVC
(*4)
6
304 Stainless steel
PVC
(*4)
7
304 Stainless steel
PVC
(*4)
8
304 Stainless steel
PVC
(*4)
10
304 Stainless steel
PVC
(*4)
1.5
304 Stainless steel
Stainless steel
(*5)
3
304 Stainless steel
Stainless steel
(*5)
5
304 Stainless steel
Stainless steel
(*5)
6
304 Stainless steel
Stainless steel
(*5)
7
304 Stainless steel
Stainless steel
(*4)
8
304 Stainless steel
Stainless steel
(*4)
10
304 Stainless steel
Stainless steel
(*4)
<Options>
Extra SS tag plate
Stainless steel elec. housing
Coating of cell
None
None
None
Yes
None
None
None
Yes
None
Yes
Yes
None
None
None
Yes
Yes
None
Yes
None
Yes
Yes
Yes
Yes
Yes
<Special applications and fill fluid>
Treatment
Fill fluid
Standard
Silicone oil
Standard
Fluorinated oil
Degreasing
Silicone oil
Oxygen service
Fluorinated oil (7th digit code “V”, “A”, “B”, “C” and “D”)
Chlorine service
Fluorinated oil (7th digit code “H”, “F”, “G”, “K”, “L” and “T”)
High temp. 250
°C
Silicone oil
High temp. 300
°C
Silicone oil
High temp. and vacuum (250
°C) Silicone oil
High temp. and vacuum (300
°C) Silicone oil
High temp. and high vacuum Silicone oil
<Teflon membrane>
None
Yes (Available for 5th digit code “0”, “2”, “4”, “6”, “8”, “A”, “C”, “E”, “G”, “J”, “P”,
“M”, “R”, “S”, “T”, “V”, “X” and 7th digit code “V”, “H”, “M”, “T”, “P”, “R”.
Not available for the 13th digit code “H”, “J”, “S”, “T”, “K”.)
<Other options>
High accuracy type
Low temperature effect type
H+J
Note 1: (*1)
100: 1 turn down is possible, but should be used at a span greater than 1/40 of the maximum span for better performance.
Note 2: (*2)
In case of 13th digit code “S”, “T”, “K” and 5th digit code “1”, “3”, “5”, “7”, “B”, “D”, “F”, “H”, “Q”, “K”, “U”, “W” are
available.
Note 3: (*3)
Available for 6th digit code “2, 3” and 5th digit code “0, 2, 4, 6, 8, A, C, E, G, J, P, M, R, S, T, W”.
Note 4: (*4)
Available for 13th digit code “Y, W, G, A, D”.
Inquire about in case of 13th other code.
Note 5: (*5)
Available for 13th digit code “Y”, “W”, “G”, “A”, “D”, “H”, “J”, “S”, “T”, “K”.
Note 6: (*6)
Customer tag number can be engraved on standard stainless steel name plate. If extra tag plate is required, select “Yes”.
Note 7: (*7)
Treatment; Standard
Note 8: (*8)
In case of 10th code is “4” (ATEX, FISCO), then the 9th code, E, S, V and W (with arrester option) are not available.
Description
Note
Note 8
Note 4
Note 4
Note 4
Note 4
Note 4
Note 4
Note 4
Note 5
Note 5
Note 5
Note 5
Note 4
Note 4
Note 4
Note 6
Note 7
Digit
10
11
12
13
14
21
4567
123
F0
4
DD
89 10 11 12 13
14 15
21
Digit No.
of code
Y
B
C
E
M
N
P
Q
Y
W
G
A
D
H
J
S
T
K
Y
C
H
J
K
7th digit code “V”, “A”, “B”,
“C”, and “D”
(*7)
D
E
L
F
M
N
P
Q
R
S
T
V
W
X
(*6)
A
B
C
D
E
X
K
F
4
Approval pending
Approval pending
Approval pending
Approval pending


Similar Part No. - EDSX5-85D

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-80K FUJI-EDSX5-80K Datasheet
159Kb / 12P
   PRESSURE TRANSMITTER
EDSX5-82K FUJI-EDSX5-82K Datasheet
208Kb / 12P
   SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-83J FUJI-EDSX5-83J Datasheet
187Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-86D FUJI-EDSX5-86D Datasheet
109Kb / 6P
   PRESSURE TRANSMITTER
EDSX5-87A FUJI-EDSX5-87A Datasheet
131Kb / 8P
   FCX ??C2 PRESSURE TRANSMITTER
More results

Similar Description - EDSX5-85D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7524A AD-ADV7524A Datasheet
71Kb / 2P
   Low Power HDMI Transmitter with Consumer Electronic Control (CEC)
ADV7520NK AD-ADV7520NK_08 Datasheet
268Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520 AD-ADV7520 Datasheet
152Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
logo
Pepperl+Fuchs Inc.
ICE1-16DI-G60L-V1D PF-ICE1-16DI-G60L-V1D Datasheet
871Kb / 4P
   Fieldbus module
ICE1-16DIO-G60L-V1D PF-ICE1-16DIO-G60L-V1D Datasheet
880Kb / 4P
   Fieldbus module
ICE1-8DI8DO-G60L-C1-V1D PF-ICE1-8DI8DO-G60L-C1-V1D Datasheet
873Kb / 4P
   Fieldbus module
ICE1-8DI8DO-G60L-V1D PF-ICE1-8DI8DO-G60L-V1D Datasheet
873Kb / 4P
   Fieldbus module
ICE1-16DIO-G60L-C1-V1D PF-ICE1-16DIO-G60L-C1-V1D Datasheet
878Kb / 4P
   Fieldbus module
logo
ON Semiconductor
AMIS-492X0 ONSEMI-AMIS-492X0 Datasheet
533Kb / 22P
   Fieldbus MAU
June 2008 ??Rev. 6
AMIS-492X0 ONSEMI-AMIS-492X0_16 Datasheet
226Kb / 20P
   Fieldbus MAU
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com