Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS25-1A Datasheet(PDF) 11 Page - Fuji Electric

Part # EDS25-1A
Description  Optical Fieldbus System System Composition Devices
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS25-1A Datasheet(HTML) 11 Page - Fuji Electric

Back Button EDS25-1A Datasheet HTML 7Page - Fuji Electric EDS25-1A Datasheet HTML 8Page - Fuji Electric EDS25-1A Datasheet HTML 9Page - Fuji Electric EDS25-1A Datasheet HTML 10Page - Fuji Electric EDS25-1A Datasheet HTML 11Page - Fuji Electric EDS25-1A Datasheet HTML 12Page - Fuji Electric EDS25-1A Datasheet HTML 13Page - Fuji Electric EDS25-1A Datasheet HTML 14Page - Fuji Electric EDS25-1A Datasheet HTML 15Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11
(Tr-9)
FFX-P series transmitter
Optical fieldbus equipment
CODE SYMBOLS
Description
Side vent/drain and mounting bracket (11th code)
Side vent/drain
None
None
Yes
Yes
14 15
1
FG
F-
-
12345678
10 11 12
913
A
C
D
F
Optical connector (12th code)
FC type
ST type
F
S
O-ring material (for process cover) (14th code)
Viton
Teflon
Square Teflon ... Except when 7th code is B, L or U
A
B
C
Bolt/nut (15th code)
NACE bolt/nut (ASTM A193 B7M/ A194 2HM)
NACE bolt/nut (ASTM A320 L7M/ A194 2HM)
SUS304/ SUS304..... (For general application) ... Note 2
SUS630/ SUS304..... Specify when 5th code is 3 or 4
C
D
E
F
Mounting bracket
None
Yes (stainless steel)
None
Yes (stainless steel)
Treatment and filled fluid (13th code)
Treatment
None
None
Degreasing
Oxygen no-oil treatment
Chlorine service
NACE specification
None
Y
W
G
A
D
N
R
Filled fluid
Silicone oil
Fluorinated oil
Silicone oil
Fluorinated oil ... Only for 7th codes V and W
Fluorinated oil ... Except when 7th code is V, M or L
Silicone oil ... Except when 7th code is T or U
Silicone oil (for vacuum)
Except when
7th code is B, L or U
Note 1; Static pressure is limited to 10 MPa at maximum.
Note 2; Allowed for 5th codes 1, 2 and 3. However, static pressure is limited
to 10 MPa at maximum.
Note 1


Similar Part No. - EDS25-1A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2504ACTA ELPIDA-EDS2504ACTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2504ACTA-75 ELPIDA-EDS2504ACTA-75 Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2504ACTA-7A ELPIDA-EDS2504ACTA-7A Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2504APTA ELPIDA-EDS2504APTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2504APTA ELPIDA-EDS2504APTA Datasheet
544Kb / 51P
   256M bits SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDS25-1A

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
CL621 LUMINIS-CL621 Datasheet
331Kb / 3P
   Optical system assembly
logo
Molex Electronics Ltd.
106073-0020 MOLEX-106073-0020 Datasheet
350Kb / 2P
   SnapMate??Optical Interconnect System
logo
Mitsubishi Electric Sem...
ML1XX10 MITSUBISHI-ML1XX10 Datasheet
165Kb / 2P
   FOR OPTICAL INFORMATION SYSTEM
ML1XX3 MITSUBISHI-ML1XX3 Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEM?
logo
Samsung semiconductor
S5L9276 SAMSUNG-S5L9276 Datasheet
182Kb / 50P
   OPTICAL CD MP3 SYSTEM
logo
Mitsubishi Electric Sem...
ML1XX14 MITSUBISHI-ML1XX14 Datasheet
68Kb / 5P
   FOR OPTICAL INFORMATION SYSTEM?
logo
AZ Displays
ATM0177B5 AZDISPLAYS-ATM0177B5 Datasheet
328Kb / 15P
   Definition of optical measurement system
ATM0280B43 AZDISPLAYS-ATM0280B43 Datasheet
442Kb / 16P
   Definition of optical measurement system
ATM0430D12F-CT AZDISPLAYS-ATM0430D12F-CT Datasheet
422Kb / 19P
   Definition of optical measurement system
logo
Sharp Corporation
GP2Y1014AU0F SHARP-GP2Y1014AU0F Datasheet
463Kb / 11P
   System Devices Unit Electronic components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com