Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EDS11-167A Datasheet(PDF) 1 Page - Fuji Electric

Part No. EDS11-167A
Description  PUM Series Multi-loop module type Temperature controller Event input/output module [PUME]
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-167A Datasheet(HTML) 1 Page - Fuji Electric

  EDS11-167A Datasheet HTML 1Page - Fuji Electric EDS11-167A Datasheet HTML 2Page - Fuji Electric EDS11-167A Datasheet HTML 3Page - Fuji Electric EDS11-167A Datasheet HTML 4Page - Fuji Electric EDS11-167A Datasheet HTML 5Page - Fuji Electric EDS11-167A Datasheet HTML 6Page - Fuji Electric EDS11-167A Datasheet HTML 7Page - Fuji Electric EDS11-167A Datasheet HTML 8Page - Fuji Electric EDS11-167A Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EvEnt input/output modulE [pumE]
PUME is a digital input/output module used as an auxiliary
input / output of control modules. Each module, 30mm
wide, is equipped with 8 points of digital input, 8 points of
digital output, and high-speed RS-485 port. By connecting
with PUM control modules, it realizes a compact and high-
performance system.
FEAtuRES
I. User-friendly structure and functions
1. Lateral connection : Max.16 units + control module 16
units = total 32 units
Simple wiring for power supply and communication
2. Detachable structure: Terminal block, main unit, and
the base part
→ Easy wiring with detachable terminal blcok
→ Main units exchangeable without re-wiring
3. Status LED for each input/output
→ Easy to monitor input/output status
4. Smart loader communication: Connect one module
and all connected modules are able to communicate
using a loader software.
II. Large scale system using high speed RS-485
1. Modbus RTU protocol for large volume communica-
tion
2. High-speed communication: Maximum 115.2kbps
3. Highly-efficient communication: Parameters dispersed
on the address map are re-allocated to contiguous
address
III. Various functions to extend control module functions
1. Digital input
(Optional feature : logic operation NOT/AND/OR)
<Functions set by DI function of control module>
- Run / Standby switch
- Auto / Remote / Manual switch
- Start timer
- Others
2. Digital output
(Optional feature : logic operation NOT/AND/OR)
- Control output (including distribution output)
- Alarm output
- Timer output
- Others
PUM Series
Multi-loop module type
Temperature controller
PUME
DATA SHEET
EDS11-167a
Apr. 1, 2011
Date
SYStEm SpECiFiCAtion
1. Product type: Multi-loop module type temperature
controller
2. Module type
1) Analog module: Total maximum 16 units
a) Control module (4 loop/unit)
b) Extended input/output module
- Analog input/output module
(Input/output 4 points/unit)
- Analog input module (Input 4 points/unit)
- Analog output module (output 4 points/unit)
2) Extended input/output (digital) module:
Maximum 16 units
- Event input/output module
(Input/output ; 8 points/unit)
3) Enhanced communication module: 1 unit
3. Connecting method:
Lateral connecting with connectors
- For power supply and RS-485 communication,
any one of connected modules is required to be
connected.
4. No. of loop, input/output
1) Control loop:
Max. 64
2) No.of input/output: DI 128 points / DO 128 points


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn