Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EDS11-167A Datasheet(PDF) 9 Page - Fuji Electric

Part No. EDS11-167A
Description  PUM Series Multi-loop module type Temperature controller Event input/output module [PUME]
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-167A Datasheet(HTML) 9 Page - Fuji Electric

Back Button EDS11-167A Datasheet HTML 4Page - Fuji Electric EDS11-167A Datasheet HTML 5Page - Fuji Electric EDS11-167A Datasheet HTML 6Page - Fuji Electric EDS11-167A Datasheet HTML 7Page - Fuji Electric EDS11-167A Datasheet HTML 8Page - Fuji Electric EDS11-167A Datasheet HTML 9Page - Fuji Electric EDS11-167A Datasheet HTML 10Page - Fuji Electric EDS11-167A Datasheet HTML 11Page - Fuji Electric EDS11-167A Datasheet HTML 12Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
DO parameter
Parameter (name)
Read/write date setting range
Factory default
Registor No.
DO1 Output type
0: Event output
1: Control output
0 (Event output) 40401
DO1 Master module St. No.
0 to 255
0
40402
DO1 Master module Ch. No.
1 to 4
1
40403
DO1 BIT position
0000 to 00FF
0001
40404
DO1 Output option
0 to 15 (bit data : 0000 to 1111)
bit0 : LATCH
bit1 : NOT
bit2 : AND
bit3 : OR
0 (bit data 0000) 40405
DO1 Output logic operation AND
0000 to 00FF
0000
40407
DO1 Output logic operation OR
0000 to 00FF
0000
40408
DO1 Scaling base
-100.0 to 100.0%
0.0
40409
DO1 Scaling span
-100.0 to 100.0%
100.0
40410
DO1 Proportion cycle
1 to 120 sec.
30
40411
DO1 Lower limits
0.0 to 100.0%
0.0
40412
DO1 Upper limits
0.0 to 100.0%
100.0
40413
DO1 Limit type
0 to 3
0
40414
DO2 Output type
0: Event output
1: Control output
0 (Event output) 40415
DO2 Master module St. No.
0 to 255
0
40416
DO2 Master module Ch. No.
1 to 4
1
40417
DO2 BIT position
0000 to 00FF
0002
40418
DO2 Output option
0 to 15 (bit data : 0000 to 1111)
0 (bit data 0000) 40419
DO2 Output logic operation AND
0000 to 00FF
0000
40421
DO2 Output logic operation OR
0000 to 00FF
0000
40422
DO2 Scaling base
-100.0 to 100.0%
0.0
40423
DO2 Scaling span
-100.0 to 100.0%
100.0
40424
DO2 Proportion cycle
1 to 120 sec.
30
40425
DO2 Lower limits
0.0 to 100.0%
0
40426
DO2 Upper limits
0.0 to 100.0%
100.0
40427
DO2 Limit type
0 to 3
0
40428
DO3 Output type
0: Event output
1: Control output
0 (Event output) 40429
DO3 Master module St. No.
0 to 255
0
40430
DO3 Master module Ch. No.
1 to 4
1
40431
DO3 BIT position
0000 to 00FF
0004
40432
DO3 Output option
0 to 15 (bit data : 0000 to 1111)
0 (bit data 0000) 40433
DO3 Output logic operation AND
0000 to 00FF
0000
40435
DO3 Output logic operation OR
0000 to 00FF
0000
40436
DO3 Scaling base
-100.0 to 100.0%
0.0
40437
DO3 Scaling span
-100.0 to 100.0%
100.0
40438
DO3 Proportion cycle
1 to 120 sec.
30
40439
DO3 Lower limits
0.0 to 100.0%
0.0
40440
DO3 Upper limits
0.0 to 100.0%
100.0
40441
DO3 Limit type
0 to 3
0
40442
DO4 Output type
0: Event output
1: Control output
0 (Event output) 40443
DO4 Master module St. No.
0 to 255
0
40444
DO4 Master module Ch. No.
1 to 4
1
40445
DO4 BIT position
0000 to 00FF
0008
40446
DO4 Output option
0 to 15 (bit data : 0000 to 1111)
0 (bit data 0000) 40447
DO4 Output logic operation AND
0000 to 00FF
0000
40449
DO4 Output logic operation OR
0000 to 00FF
0000
40450
DO4 Scaling base
-100.0 to 100.0%
0.0
40451
DO4 Scaling span
-100.0 to 100.0%
100.0
40452
DO4 Proportion cycle
1 to 120 sec.
30
40453
DO4 Lower limits
0.0 to 100.0%
0.0
40454
DO4 Upper limits
0.0 to 100.0%
100.0
40455
DO4 Limit type
0 to 3
0
40456


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn